Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2114R Datasheet(PDF) 246 Page - Renesas Technology Corp

No. de pieza H8S/2114R
Descripción Electrónicos  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R Datasheet(HTML) 246 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 242Page - Renesas Technology Corp H8S/2114R Datasheet HTML 243Page - Renesas Technology Corp H8S/2114R Datasheet HTML 244Page - Renesas Technology Corp H8S/2114R Datasheet HTML 245Page - Renesas Technology Corp H8S/2114R Datasheet HTML 246Page - Renesas Technology Corp H8S/2114R Datasheet HTML 247Page - Renesas Technology Corp H8S/2114R Datasheet HTML 248Page - Renesas Technology Corp H8S/2114R Datasheet HTML 249Page - Renesas Technology Corp H8S/2114R Datasheet HTML 250Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 246 / 1038 page
background image
Section 8 I/O Ports
Rev. 3.00 Jul. 14, 2005 Page 198 of 986
REJ09B0098-0300
8.9.4
Pin Functions
• P97/IRQ15/SDA0
The pin function is switched as shown below according to the combination of the SDA0AS
and SDA0BS bits in PTCNT1, ICE bit in ICCR of IIC_0, and the P97DDR bit. When the
ISS15 bit in ISSR16 is cleared to 0 and the IRQ15E bit in IER16 of the interrupt controller is
set to 1, this pin can be used as the
IRQ15 input pin. IICENABLE in the following table is
expressed by the following logical expressions.
IICENABLE = 1 : ICE •
SDA0AS • SDA0BS
IICENABLE
0
1
P97DDR
0
1
P97 input pin
P97 output pin
SDA0 I/O pin
Pin function
IRQ15 input pin
Note:
The output format for SDA0 is NMOS output only, and direct bus drive is possible. When
this pin is used as the P97 output pin, the output format is NMOS push-pull output.
• P96/φ/EXCL
The pin function is switched as shown below according to the combination of the EXCLS bit
in PTCNT0, EXCLE bit in LPWRCR, and the P96DDR bit.
EXCLS
0
1
P96DDR
0
1
0
1
EXCLE
0
1
Pin function
P96 input pin
EXCL input pin
φ output pin*
P96 input pin
φ output pin*
Note:
*
The subclock is output in subactive, subsleep, and watch modes.
• P95/IRQ14
The pin function is switched as shown below according to the P95DDR bit. When the ISS14
bit in ISSR16 is cleared to 0 and the IRQ14E bit in IER16 of the interrupt controller is set to 1,
this pin can be used as the
IRQ14 input pin.
P95DDR
0
1
P95 input pin
P95 output pin
Pin function
IRQ14 input pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com