Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2114R Datasheet(PDF) 308 Page - Renesas Technology Corp

No. de pieza H8S/2114R
Descripción Electrónicos  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R Datasheet(HTML) 308 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 304Page - Renesas Technology Corp H8S/2114R Datasheet HTML 305Page - Renesas Technology Corp H8S/2114R Datasheet HTML 306Page - Renesas Technology Corp H8S/2114R Datasheet HTML 307Page - Renesas Technology Corp H8S/2114R Datasheet HTML 308Page - Renesas Technology Corp H8S/2114R Datasheet HTML 309Page - Renesas Technology Corp H8S/2114R Datasheet HTML 310Page - Renesas Technology Corp H8S/2114R Datasheet HTML 311Page - Renesas Technology Corp H8S/2114R Datasheet HTML 312Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 308 / 1038 page
background image
Section 10 14-Bit PWM Timer (PWMX)
Rev. 3.00 Jul. 14, 2005 Page 260 of 986
REJ09B0098-0300
10.2
Input/Output Pins
Table 10.1 lists the PWMX (D/A) module input and output pins.
Table 10.1
Pin Configuration
Name
Abbreviation
I/O
Function
PWMX output pin 0
PWX0
Output
PWMX output of channel A
PWMX output pin 1
PWX1
Output
PWMX output of channel B
10.3
Register Descriptions
The PWMX (D/A) module has the following registers. The PWMX (D/A) registers are assigned to
the same addresses with other registers. The registers are selected by the IICE bit in the serial
timer control register (STCR). For details on the module stop control register, see section 24.1.3,
Module Stop Control Register H, L, and A (MSTPCRH, MSTPCRL, MSTPCRA).
• PWMX (D/A) counter (DACNT)
• PWMX (D/A) data register A (DADRA)
• PWMX (D/A) data register B (DADRB)
• PWMX (D/A) control register (DACR)
• Peripheral clock select register (PCSR)
Note:
The same addresses are shared by DADRA and DACR, and by DADRB and DACNT.
Switching is performed by the REGS bit in DACNT or DADRB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com