Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2114R Datasheet(PDF) 304 Page - Renesas Technology Corp

No. de pieza H8S/2114R
Descripción Electrónicos  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R Datasheet(HTML) 304 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 300Page - Renesas Technology Corp H8S/2114R Datasheet HTML 301Page - Renesas Technology Corp H8S/2114R Datasheet HTML 302Page - Renesas Technology Corp H8S/2114R Datasheet HTML 303Page - Renesas Technology Corp H8S/2114R Datasheet HTML 304Page - Renesas Technology Corp H8S/2114R Datasheet HTML 305Page - Renesas Technology Corp H8S/2114R Datasheet HTML 306Page - Renesas Technology Corp H8S/2114R Datasheet HTML 307Page - Renesas Technology Corp H8S/2114R Datasheet HTML 308Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 304 / 1038 page
background image
Section 9 8-Bit PWM Timer (PWM)
Rev. 3.00 Jul. 14, 2005 Page 256 of 986
REJ09B0098-0300
9.4.1
PWM Setting Example
: Pulse added
1-conversion cycle
Combination of the basic pulse and added pulse outputs 0/256 to 255/256 of dudty cycle as low ripple wave form.
Duty cycle
Basic
waveform
Additiona
pulse
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
127/256
128/256
129/256
130/256
PWDR
setting example
H'7F
H'80
H'81
H'82
112 pulses
128 pulses
128 pulses
128 pulses
15 pulses
0 pulses
1 pulse
2 pulses
Figure 9.3 Example of PWM Setting
9.4.2
Diagram of PWM Used as D/A Converter
Figure 9.4 shows the diagram example when using the PWM pulse as the D/A converter. Analog
signal with low ripple can be generated by connecting the low pass filter.
This LSI
Low pass filter
Reference value
Resistor : 120 k
Ω
Capacitor : 0.1
µF
Figure 9.4 Example when PWM is Used as D/A Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com