Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2114R Datasheet(PDF) 327 Page - Renesas Technology Corp

No. de pieza H8S/2114R
Descripción Electrónicos  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R Datasheet(HTML) 327 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 323Page - Renesas Technology Corp H8S/2114R Datasheet HTML 324Page - Renesas Technology Corp H8S/2114R Datasheet HTML 325Page - Renesas Technology Corp H8S/2114R Datasheet HTML 326Page - Renesas Technology Corp H8S/2114R Datasheet HTML 327Page - Renesas Technology Corp H8S/2114R Datasheet HTML 328Page - Renesas Technology Corp H8S/2114R Datasheet HTML 329Page - Renesas Technology Corp H8S/2114R Datasheet HTML 330Page - Renesas Technology Corp H8S/2114R Datasheet HTML 331Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 327 / 1038 page
background image
Section 11 16-Bit Free-Running Timer (FRT)
Rev. 3.00 Jul. 14, 2005 Page 279 of 986
REJ09B0098-0300
11.2
Input/Output Pins
Table 11.1 lists the FRT input and output pins.
Table 11.1
Pin Configuration
Name
Abbreviation
I/O
Function
Counter clock input pin
FTCI
Input
FRC counter clock input
Output compare A output pin
FTOA
Output
Output compare A output
Output compare B output pin
FTOB
Output
Output compare B output
Input capture A input pin
FTIA
Input
Input capture A input
Input capture B input pin
FTIB
Input
Input capture B input
Input capture C input pin
FTIC
Input
Input capture C input
Input capture D input pin
FTID
Input
Input capture D input
11.3
Register Descriptions
The FRT has the following registers.
• Free-running counter (FRC)
• Output compare register A (OCRA)
• Output compare register B (OCRB)
• Input capture register A (ICRA)
• Input capture register B (ICRB)
• Input capture register C (ICRC)
• Input capture register D (ICRD)
• Output compare register AR (OCRAR)
• Output compare register AF (OCRAF)
• Output compare register DM (OCRDM)
• Timer interrupt enable register (TIER)
• Timer control/status register (TCSR)
• Timer control register (TCR)
• Timer output compare control register (TOCR)
Note:
OCRA and OCRB share the same address. Register selection is controlled by the OCRS
bit in TOCR. ICRA, ICRB, and ICRC share the same addresses with OCRAR, OCRAF,
and OCRDM. Register selection is controlled by the ICRS bit in TOCR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com