Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2114R Datasheet(PDF) 328 Page - Renesas Technology Corp

No. de pieza H8S/2114R
Descripción Electrónicos  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R Datasheet(HTML) 328 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 324Page - Renesas Technology Corp H8S/2114R Datasheet HTML 325Page - Renesas Technology Corp H8S/2114R Datasheet HTML 326Page - Renesas Technology Corp H8S/2114R Datasheet HTML 327Page - Renesas Technology Corp H8S/2114R Datasheet HTML 328Page - Renesas Technology Corp H8S/2114R Datasheet HTML 329Page - Renesas Technology Corp H8S/2114R Datasheet HTML 330Page - Renesas Technology Corp H8S/2114R Datasheet HTML 331Page - Renesas Technology Corp H8S/2114R Datasheet HTML 332Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 328 / 1038 page
background image
Section 11 16-Bit Free-Running Timer (FRT)
Rev. 3.00 Jul. 14, 2005 Page 280 of 986
REJ09B0098-0300
11.3.1
Free-Running Counter (FRC)
FRC is a 16-bit readable/writable up-counter. The clock source is selected by bits CKS1 and
CKS0 in TCR. FRC can be cleared by compare-match A. When FRC overflows from H'FFFF to
H'0000, the overflow flag bit (OVF) in TCSR is set to 1. FRC should always be accessed in 16-bit
units; cannot be accessed in 8-bit units. FRC is initialized to H'0000.
11.3.2
Output Compare Registers A and B (OCRA and OCRB)
The FRT has two output compare registers, OCRA and OCRB, each of which is a 16-bit
readable/writable register whose contents are continually compared with the value in FRC. When
a match is detected (compare-match), the corresponding output compare flag (OCFA or OCFB) is
set to 1 in TCSR. If the OEA or OEB bit in TOCR is set to 1, when the OCR and FRC values
match, the output level selected by the OLVLA or OLVLB bit in TOCR is output at the output
compare output pin (FTOA or FTOB). Following a reset, the FTOA and FTOB output levels are 0
until the first compare-match. OCR should always be accessed in 16-bit units; cannot be accessed
in 8-bit units. OCR is initialized to H'FFFF.
11.3.3
Input Capture Registers A to D (ICRA to ICRD)
The FRT has four input capture registers, ICRA to ICRD, each of which is a 16-bit read-only
register. When the rising or falling edge of the signal at an input capture input pin (FTIA to FTID)
is detected, the current FRC value is transferred to the corresponding input capture register (ICRA
to ICRD). At the same time, the corresponding input capture flag (ICFA to ICFD) in TCSR is set
to 1. The FRC contents are transferred to ICR regardless of the value of ICF. The input capture
edge is selected by the input edge select bits (IEDGA to IEDGD) in TCR.
ICRC and ICRD can be used as ICRA and ICRB buffer registers, respectively, by means of buffer
enable bits A and B (BUFEA and BUFEB) in TCR. For example, if an input capture occurs when
ICRC is specified as the ICRA buffer register, the FRC contents are transferred to ICRA, and then
transferred to the buffer register ICRC. When IEDGA and IEDGC bits in TCR are set to different
values, both rising and falling edges can be specified as the change of the external input signal.
When IEDGA and IEDGC are set to the same value, either rising edge or falling edge can be
specified as the change of the external input signal.
To ensure input capture, the input capture pulse width should be at least 1.5 system clocks (
φ) for
a single edge. When triggering is enabled on both edges, the input capture pulse width should be at
least 2.5 system clocks (
φ).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com