Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2114R Datasheet(PDF) 331 Page - Renesas Technology Corp

No. de pieza H8S/2114R
Descripción Electrónicos  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R Datasheet(HTML) 331 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 327Page - Renesas Technology Corp H8S/2114R Datasheet HTML 328Page - Renesas Technology Corp H8S/2114R Datasheet HTML 329Page - Renesas Technology Corp H8S/2114R Datasheet HTML 330Page - Renesas Technology Corp H8S/2114R Datasheet HTML 331Page - Renesas Technology Corp H8S/2114R Datasheet HTML 332Page - Renesas Technology Corp H8S/2114R Datasheet HTML 333Page - Renesas Technology Corp H8S/2114R Datasheet HTML 334Page - Renesas Technology Corp H8S/2114R Datasheet HTML 335Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 331 / 1038 page
background image
Section 11 16-Bit Free-Running Timer (FRT)
Rev. 3.00 Jul. 14, 2005 Page 283 of 986
REJ09B0098-0300
Bit
Bit Name
Initial Value
R/W
Description
2
OCIBE
0
R/W
Output Compare Interrupt B Enable
Selects whether to enable output compare interrupt B
request (OCIB) when output compare flag B (OCFB) in
TCSR is set to 1.
0: OCIB requested by OCFB is disabled
1: OCIB requested by OCFB is enabled
1
OVIE
0
R/W
Timer Overflow Interrupt Enable
Selects whether to enable a free-running timer overflow
request interrupt (FOVI) when the timer overflow flag
(OVF) in TCSR is set to 1.
0: FOVI requested by OVF is disabled
1: FOVI requested by OVF is enabled
0
1
R
Reserved
This bit is always read as 1 and cannot be modified.
11.3.7
Timer Control/Status Register (TCSR)
TCSR is used for counter clear selection and control of interrupt request signals.
Bit
Bit Name
Initial Value
R/W
Description
7
ICFA
0
R/(W)* Input Capture Flag A
This status flag indicates that the FRC value has been
transferred to ICRA by means of an input capture
signal. When BUFEA = 1, ICFA indicates that the old
ICRA value has been moved into ICRC and the new
FRC value has been transferred to ICRA.
[Setting condition]
When an input capture signal causes the FRC value to
be transferred to ICRA
[Clearing condition]
Read ICFA when ICFA = 1, then write 0 to ICFA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com