Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2114R Datasheet(PDF) 359 Page - Renesas Technology Corp

No. de pieza H8S/2114R
Descripción Electrónicos  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R Datasheet(HTML) 359 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 355Page - Renesas Technology Corp H8S/2114R Datasheet HTML 356Page - Renesas Technology Corp H8S/2114R Datasheet HTML 357Page - Renesas Technology Corp H8S/2114R Datasheet HTML 358Page - Renesas Technology Corp H8S/2114R Datasheet HTML 359Page - Renesas Technology Corp H8S/2114R Datasheet HTML 360Page - Renesas Technology Corp H8S/2114R Datasheet HTML 361Page - Renesas Technology Corp H8S/2114R Datasheet HTML 362Page - Renesas Technology Corp H8S/2114R Datasheet HTML 363Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 359 / 1038 page
background image
Section 12 16-Bit Timer Pulse Unit (TPU)
Rev. 3.00 Jul. 14, 2005 Page 311 of 986
REJ09B0098-0300
12.3.1
Timer Control Register (TCR)
The TCR registers control the TCNT operation for each channel. The TPU has a total of three
TCR registers, one for each channel (channel 0 to 2). TCR register settings should be made only
when TCNT operation is stopped.
Bit
Bit Name Initial value
R/W
Description
7
6
5
CCLR2
CCLR1
CCLR0
0
0
0
R/W
R/W
R/W
Counter Clear 2 to 0
These bits select the TCNT counter clearing source. See
tables 12.3 and 12.4 for details.
4
3
CKEG1
CKEG0
0
0
R/W
R/W
Clock Edge 1 and 0
These bits select the input clock edge. When the input
clock is counted using both edges, the input clock 1 and
2,
φ/4 both edges = φ/2 rising edge). If phase counting
mode is used on channels 1, 2, 4, and 5, this setting is
ignored and the phase counting mode setting has priority.
Internal clock edge selection is valid when the input clock
is
φ/4 or slower. This setting is ignored if the input clock is
φ/1, or when overflow/underflow of another channel is
selected.
00: Count at rising edge
01: Count at falling edge
1x: Count at both edges
[Legend] x: Don’t care
2
1
0
TPSC2
TPSC1
TPSC0
0
0
0
R/W
R/W
R/W
Time Prescaler 2 to 0
These bits select the TCNT counter clock. The clock
source can be selected independently for each channel.
See tables 12.5 to 12.7 for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com