Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2114R Datasheet(PDF) 363 Page - Renesas Technology Corp

No. de pieza H8S/2114R
Descripción Electrónicos  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R Datasheet(HTML) 363 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 359Page - Renesas Technology Corp H8S/2114R Datasheet HTML 360Page - Renesas Technology Corp H8S/2114R Datasheet HTML 361Page - Renesas Technology Corp H8S/2114R Datasheet HTML 362Page - Renesas Technology Corp H8S/2114R Datasheet HTML 363Page - Renesas Technology Corp H8S/2114R Datasheet HTML 364Page - Renesas Technology Corp H8S/2114R Datasheet HTML 365Page - Renesas Technology Corp H8S/2114R Datasheet HTML 366Page - Renesas Technology Corp H8S/2114R Datasheet HTML 367Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 363 / 1038 page
background image
Section 12 16-Bit Timer Pulse Unit (TPU)
Rev. 3.00 Jul. 14, 2005 Page 315 of 986
REJ09B0098-0300
12.3.2
Timer Mode Register (TMDR)
The TMDR registers are used to set the operating mode for each channel. The TPU has three
TMDR registers, one for each channel. TMDR register settings should be made only when TCNT
operation is stopped.
Bit
Bit Name Initial value
R/W
Description
7
6
1
1
R
R
Reserved
These bits are always read as 1 and cannot be modified.
5
BFB
0
R/W
Buffer Operation B
Specifies whether TGRB is to operate in the normal way,
or TGRB and TGRD are to be used together for buffer
operation. When TGRD is used as a buffer register.
TGRD input capture/output compare is not generation. In
channels 1 and 2, which have no TGRD, bit 5 is
reserved. It is always read as 0 and cannot be modified.
0: TGRB operates normally
1: TGRB and TGRD used together for buffer operation
4
BFA
0
R/W
Buffer Operation A
Specifies whether TGRA is to operate in the normal way,
or TGRA and TGRC are to be used together for buffer
operation. When TGRC is used as a buffer register,
TGRC input capture/output compare is not generated. In
channels 1 and 2, which have no TGRC, bit 4 is
reserved. It is always read as 0 and cannot be modified.
0: TGRA operates normally
1: TGRA and TGRC used together for buffer operation
3
2
1
0
MD3
MD2
MD1
MD0
0
0
0
0
R/W
R/W
R/W
R/W
Modes 3 to 0
These bits are used to set the timer operating mode.
MD3 is a reserved bit. In a write, the write value should
always be 0. See table 12.8, MD3 to MD0 for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com