Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2114R Datasheet(PDF) 360 Page - Renesas Technology Corp

No. de pieza H8S/2114R
Descripción Electrónicos  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R Datasheet(HTML) 360 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 356Page - Renesas Technology Corp H8S/2114R Datasheet HTML 357Page - Renesas Technology Corp H8S/2114R Datasheet HTML 358Page - Renesas Technology Corp H8S/2114R Datasheet HTML 359Page - Renesas Technology Corp H8S/2114R Datasheet HTML 360Page - Renesas Technology Corp H8S/2114R Datasheet HTML 361Page - Renesas Technology Corp H8S/2114R Datasheet HTML 362Page - Renesas Technology Corp H8S/2114R Datasheet HTML 363Page - Renesas Technology Corp H8S/2114R Datasheet HTML 364Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 360 / 1038 page
background image
Section 12 16-Bit Timer Pulse Unit (TPU)
Rev. 3.00 Jul. 14, 2005 Page 312 of 986
REJ09B0098-0300
Table 12.3
CCLR2 to CCLR0 (channel 0)
Channel
Bit 7
CCLR2
Bit 6
CCLR1
Bit 5
CCLR0
Description
0
TCNT clearing disabled (Initial value)
0
1
TCNT cleared by TGRA compare
match/input capture
0
TCNT cleared by TGRB compare
match/input capture
0
1
1
TCNT cleared by counter clearing for
another channel performing
synchronous/clearing synchronous
operation*
1
0
TCNT clearing disabled
0
1
TCNT cleared by TGRC compare
match/input capture*
2
0
TCNT cleared by TGRD compare
match/input capture*
2
0
1
1
1
TCNT cleared by counter clearing for
another channel performing synchronous
clearing/synchronous operation*
1
Notes: 1. Synchronous operation setting is performed by setting the SYNC bit in TSYR to 1.
2. When TGRC or TGRD is used as a buffer register. TCNT is not cleared because the
buffer register setting has priority, and compare match/input capture dose not occur.
Table 12.4
CCLR2 to CCLR0 (channels 1 and 2)
Channel
Bit 7
Reserved*
2
Bit 6
CCLR1
Bit 5
CCLR0
Description
0
TCNT clearing disabled
0
1
TCNT cleared by TGRA compare
match/input capture
0
TCNT cleared by TGRB compare
match/input capture
1, 2
0
1
1
TCNT cleared by counter clearing for
another channel performing synchronous
clearing/synchronous operation*
1
Notes: 1. Synchronous operation setting is performed by setting the SYNC bit in TSYR to 1.
2. Bit 7 is reserved in channels 1 and 2. It is always read as 0 and cannot be modified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com