Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2114R Datasheet(PDF) 490 Page - Renesas Technology Corp

No. de pieza H8S/2114R
Descripción Electrónicos  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R Datasheet(HTML) 490 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 486Page - Renesas Technology Corp H8S/2114R Datasheet HTML 487Page - Renesas Technology Corp H8S/2114R Datasheet HTML 488Page - Renesas Technology Corp H8S/2114R Datasheet HTML 489Page - Renesas Technology Corp H8S/2114R Datasheet HTML 490Page - Renesas Technology Corp H8S/2114R Datasheet HTML 491Page - Renesas Technology Corp H8S/2114R Datasheet HTML 492Page - Renesas Technology Corp H8S/2114R Datasheet HTML 493Page - Renesas Technology Corp H8S/2114R Datasheet HTML 494Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 490 / 1038 page
background image
Section 15 Serial Communication Interface (SCI, IrDA)
Rev. 3.00 Jul. 14, 2005 Page 442 of 986
REJ09B0098-0300
Bit
Bit Name
Initial Value
R/W
Description
6
RDRF
0
R/(W)*
1
Receive Data Register Full
Indicates that receive data is stored in RDR.
[Setting condition]
• When serial reception ends normally and
receive data is transferred from RSR to RDR
[Clearing conditions]
•
When 0 is written to RDRF after reading
RDRF = 1
• When an RXI interrupt request is issued
allowing DTC to read data from RDR
The RDRF flag is not affected and retains its
previous value when the RE bit in SCR is cleared
to 0.
5
ORER
0
R/(W)*
1
Overrun Error
[Setting condition]
• When the next serial reception is completed
while RDRF = 1
[Clearing condition]
• When 0 is written to ORER after reading
ORER = 1
4
ERS
0
R/(W)*
1
Error Signal Status
[Setting condition]
• When a low error signal is sampled
[Clearing condition]
• When 0 is written to ERS after reading ERS = 1
3
PER
0
R/(W)*
1
Parity Error
[Setting condition]
• When a parity error is detected during reception
[Clearing condition]
• When 0 is written to PER after reading PER = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com