Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2114R Datasheet(PDF) 494 Page - Renesas Technology Corp

No. de pieza H8S/2114R
Descripción Electrónicos  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R Datasheet(HTML) 494 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 490Page - Renesas Technology Corp H8S/2114R Datasheet HTML 491Page - Renesas Technology Corp H8S/2114R Datasheet HTML 492Page - Renesas Technology Corp H8S/2114R Datasheet HTML 493Page - Renesas Technology Corp H8S/2114R Datasheet HTML 494Page - Renesas Technology Corp H8S/2114R Datasheet HTML 495Page - Renesas Technology Corp H8S/2114R Datasheet HTML 496Page - Renesas Technology Corp H8S/2114R Datasheet HTML 497Page - Renesas Technology Corp H8S/2114R Datasheet HTML 498Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 494 / 1038 page
background image
Section 15 Serial Communication Interface (SCI, IrDA)
Rev. 3.00 Jul. 14, 2005 Page 446 of 986
REJ09B0098-0300
Table 15.3 shows sample N settings in BRR in normal asynchronous mode. Table 15.4 shows the
maximum bit rate settable for each frequency. Table 15.6 and 15.8 show sample N settings in
BRR in clocked synchronous mode and smart card interface mode, respectively. In smart card
interface mode, the number of basic clock cycles S in a 1-bit data transfer time can be selected.
For details, see section 15.7.4, Receive Data Sampling Timing and Reception Margin. Tables 15.5
and 15.7 show the maximum bit rates with external clock input.
Table 15.3
Examples of BRR Settings for Various Bit Rates (Asynchronous Mode) (1)
Operating Frequency
φ (MHz)
4
4.9152
5
6
6.144
Bit Rate
(bit/s)
n
N
Error
(%)
n
N
Error
(%)
n
N
Error
(%)
n
N
Error
(%)
n
N
Error
(%)
110
2
70
0.03
2
86
0.31
2
88
–0.25
2
106 –0.44
2
108 0.08
150
1
207 0.16
1
255 0.00
2
64
0.16
2
77
0.16
2
79
0.00
300
1
103 0.16
1
127 0.00
1
129 0.16
1
155 0.16
1
159 0.00
600
0
207 0.16
0
255 0.00
1
64
0.16
1
77
0.16
1
79
0.00
1200
0
103 0.16
0
127 0.00
0
129 0.16
0
155 0.16
0
159 0.00
2400
0
51
0.16
0
63
0.00
0
64
0.16
0
77
0.16
0
79
0.00
4800
0
25
0.16
0
31
0.00
0
32
–1.36
0
38
0.16
0
39
0.00
9600
0
12
0.16
0
15
0.00
0
15
1.73
0
19
–2.34
0
19
0.00
19200
 
0
7
0.00
0
7
1.73
0
9
–2.34
0
9
0.00
31250
0
3
0.00
0
4
–1.70
0
4
0.00
0
5
0.00
0
5
2.40
38400
 
0
3
0.00
0
3
1.73
0
4
–2.34
0
4
0.00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com