Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2114R Datasheet(PDF) 492 Page - Renesas Technology Corp

No. de pieza H8S/2114R
Descripción Electrónicos  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R Datasheet(HTML) 492 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 488Page - Renesas Technology Corp H8S/2114R Datasheet HTML 489Page - Renesas Technology Corp H8S/2114R Datasheet HTML 490Page - Renesas Technology Corp H8S/2114R Datasheet HTML 491Page - Renesas Technology Corp H8S/2114R Datasheet HTML 492Page - Renesas Technology Corp H8S/2114R Datasheet HTML 493Page - Renesas Technology Corp H8S/2114R Datasheet HTML 494Page - Renesas Technology Corp H8S/2114R Datasheet HTML 495Page - Renesas Technology Corp H8S/2114R Datasheet HTML 496Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 492 / 1038 page
background image
Section 15 Serial Communication Interface (SCI, IrDA)
Rev. 3.00 Jul. 14, 2005 Page 444 of 986
REJ09B0098-0300
15.3.8
Smart Card Mode Register (SCMR)
SCMR selects smart card interface mode and its format.
Bit
Bit Name
Initial Value
R/W
Description
7 to 4
All 1
R
Reserved
These bits are always read as 1 and cannot be
modified.
3
SDIR
0
R/W
Smart Card Data Transfer Direction
Selects the serial/parallel conversion format.
0: TDR contents are transmitted with LSB-first.
Receive data is stored as LSB first in RDR.
1: TDR contents are transmitted with MSB-first.
Receive data is stored as MSB first in RDR.
The SDIR bit is valid only when the 8-bit data
format is used for transmission/reception; when
the 7-bit data format is used, data is always
transmitted/received with LSB-first.
2
SINV
0
R/W
Smart Card Data Invert
Specifies inversion of the data logic level. The
SINV bit does not affect the logic level of the
parity bit. When the parity bit is inverted, invert the
O/
E bit in SMR.
0: TDR contents are transmitted as they are.
Receive data is stored as it is in RDR.
1: TDR contents are inverted before being
transmitted. Receive data is stored in inverted
form in RDR.
1
1
R
Reserved
This bit is always read as 1 and cannot be
modified.
0
SMIF
0
R/W
Smart Card Interface Mode Select
When this bit is set to 1, smart card interface
mode is selected.
0: Normal asynchronous or clocked synchronous
mode
1: Smart card interface mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com