Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2114R Datasheet(PDF) 536 Page - Renesas Technology Corp

No. de pieza H8S/2114R
Descripción Electrónicos  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R Datasheet(HTML) 536 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 532Page - Renesas Technology Corp H8S/2114R Datasheet HTML 533Page - Renesas Technology Corp H8S/2114R Datasheet HTML 534Page - Renesas Technology Corp H8S/2114R Datasheet HTML 535Page - Renesas Technology Corp H8S/2114R Datasheet HTML 536Page - Renesas Technology Corp H8S/2114R Datasheet HTML 537Page - Renesas Technology Corp H8S/2114R Datasheet HTML 538Page - Renesas Technology Corp H8S/2114R Datasheet HTML 539Page - Renesas Technology Corp H8S/2114R Datasheet HTML 540Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 536 / 1038 page
background image
Section 15 Serial Communication Interface (SCI, IrDA)
Rev. 3.00 Jul. 14, 2005 Page 488 of 986
REJ09B0098-0300
15.7.7
Serial Data Reception (Except in Block Transfer Mode)
Data reception in smart card interface mode is identical to that in normal serial communication
interface mode. Figure 15.29 shows the data re-transfer operation during reception.
1. If a parity error is detected in receive data, the PER bit in SSR is set to 1. Here, an ERI
interrupt request is generated if the RIE bit in SCR is set to 1. Clear the PER bit to 0 before the
next parity bit is sampled.
2. For the frame in which a parity error is detected, the RDRF bit in SSR is not set to 1.
3. If no parity error is detected, the PER bit in SSR is not set to 1. In this case, data is determined
to have been received successfully, and the RDRF bit in SSR is set to 1. Here, an RXI interrupt
request is generated if the RIE bit in SCR is set.
Figure 15.30 shows a sample flowchart for reception. All the processing steps are automatically
performed using an RXI interrupt request to activate the DTC. In reception, setting the RIE bit to 1
allows an RXI interrupt request to be generated when the RDRF flag is set to 1. This activates
DTC by an RXI request thus allowing transfer of receive data if the RXI interrupt request is
specified as a source of DTC activate beforehand. The RDRF flag is automatically cleared to 0 at
data transfer by DTC. If an error occurs during reception, i.e., either the ORER or PER flag is set
to 1, a transmit/receive error interrupt (ERI) request is generated and the error flag must be
cleared. If an error occurs, DTC is not activated and receive data is skipped, therefore, the number
of bytes of receive data specified in DTC are transferred. Even if a parity error occurs and PER is
set to 1 in reception, receive data is transferred to RDR, thus allowing the data to be read.
Note:
For operations in block transfer mode, see section 15.4, Operation in Asynchronous Mode.
D0 D1 D2 D3 D4 D5 D6 D7 Dp DE
Ds D0 D1 D2 D3 D4 D5 D6 D7 Dp
(DE)
Ds D0 D1 D2 D3 D4
Ds
(n + 1) th
transfer frame
Retransfer frame
n th transfer frame
RDRF
[1]
PER
[2]
[3]
[3]
Figure 15.29 Data Re-transfer Operation in SCI Reception Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com