Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2114R Datasheet(PDF) 540 Page - Renesas Technology Corp

No. de pieza H8S/2114R
Descripción Electrónicos  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R Datasheet(HTML) 540 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 536Page - Renesas Technology Corp H8S/2114R Datasheet HTML 537Page - Renesas Technology Corp H8S/2114R Datasheet HTML 538Page - Renesas Technology Corp H8S/2114R Datasheet HTML 539Page - Renesas Technology Corp H8S/2114R Datasheet HTML 540Page - Renesas Technology Corp H8S/2114R Datasheet HTML 541Page - Renesas Technology Corp H8S/2114R Datasheet HTML 542Page - Renesas Technology Corp H8S/2114R Datasheet HTML 543Page - Renesas Technology Corp H8S/2114R Datasheet HTML 544Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 540 / 1038 page
background image
Section 15 Serial Communication Interface (SCI, IrDA)
Rev. 3.00 Jul. 14, 2005 Page 492 of 986
REJ09B0098-0300
15.8
IrDA Operation
IrDA operation can be used with SCI_1. Figure 15.33 shows an IrDA block diagram.
If the IrDA function is enabled using the IrE bit in SCICR, the TxD1 and RxD1 signals for SCI_1
are allowed to encode and decode the waveform based on the IrDA standard version 1.0 (function
as the IrTxD and IrRxD pins). Connecting these pins to the infrared data transceiver achieves
infrared data communication based on the system defined by the IrDA standard version 1.0.
In the system defined by the IrDA standard version 1.0, communication is started at a transfer rate
of 9600 bps, which can be modified as required. The IrDA interface provided by this LSI does not
incorporate the capability of automatic modification of the transfer rate; the transfer rate must be
modified through programming.
IrDA
SCI_1
KBCOMP
TxD1/IrTxD
RxD1/IrRxD
TxD
RxD
Phase inversion
Pulse encoder
Pulse decoder
Phase inversion
Figure 15.33 IrDA Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com