Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2114R Datasheet(PDF) 538 Page - Renesas Technology Corp

No. de pieza H8S/2114R
Descripción Electrónicos  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R Datasheet(HTML) 538 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 534Page - Renesas Technology Corp H8S/2114R Datasheet HTML 535Page - Renesas Technology Corp H8S/2114R Datasheet HTML 536Page - Renesas Technology Corp H8S/2114R Datasheet HTML 537Page - Renesas Technology Corp H8S/2114R Datasheet HTML 538Page - Renesas Technology Corp H8S/2114R Datasheet HTML 539Page - Renesas Technology Corp H8S/2114R Datasheet HTML 540Page - Renesas Technology Corp H8S/2114R Datasheet HTML 541Page - Renesas Technology Corp H8S/2114R Datasheet HTML 542Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 538 / 1038 page
background image
Section 15 Serial Communication Interface (SCI, IrDA)
Rev. 3.00 Jul. 14, 2005 Page 490 of 986
REJ09B0098-0300
15.7.8
Clock Output Control
Clock output can be fixed using the CKE1 and CKE0 bits in SCR when the GM bit in SMR is set
to 1. Specifically, the minimum width of a clock pulse can be specified.
Figure 15.31 shows an example of clock output fixing timing when the CKE0 bit is controlled
with GM = 1 and CKE1 = 0.
Specified pulse width
SCK
CKE0
Specified pulse width
Figure 15.31 Clock Output Fixing Timing
At power-on and transitions to/from software standby mode, use the following procedure to secure
the appropriate clock duty ratio.
• At Power-On:
To secure the appropriate clock duty ratio simultaneously with power-on, use the following
procedure.
A. Initially, port input is enabled in the high-impedance state. To fix the potential level, use a
pull-up or pull-down resistor.
B. Fix the SCK pin to the specified output using the CKE1 bit in SCR.
C. Set SMR and SCMR to enable smart card interface mode.
D. Set the CKE0 bit in SCR to 1 to start clock output.
• At Transition from Smart Card Interface Mode to Software Standby Mode:
A. Set the port data register (DR) and data direction register (DDR) corresponding to the SCK
pins to the values for the output fixed state in software standby mode.
B. Write 0 to the TE and RE bits in SCR to stop transmission/reception. Simultaneously, set
the CKE1 bit to the value for the output fixed state in software standby mode.
C. Write 0 to the CKE0 bit in SCR to stop the clock.
D. Wait for one cycle of the serial clock. In the mean time, the clock output is fixed to the
specified level with the duty ratio retained.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com