Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2114R Datasheet(PDF) 107 Page - Renesas Technology Corp

No. de pieza H8S/2114R
Descripción Electrónicos  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R Datasheet(HTML) 107 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 103Page - Renesas Technology Corp H8S/2114R Datasheet HTML 104Page - Renesas Technology Corp H8S/2114R Datasheet HTML 105Page - Renesas Technology Corp H8S/2114R Datasheet HTML 106Page - Renesas Technology Corp H8S/2114R Datasheet HTML 107Page - Renesas Technology Corp H8S/2114R Datasheet HTML 108Page - Renesas Technology Corp H8S/2114R Datasheet HTML 109Page - Renesas Technology Corp H8S/2114R Datasheet HTML 110Page - Renesas Technology Corp H8S/2114R Datasheet HTML 111Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 1038 page
background image
Section 3 MCU Operating Modes
Rev. 3.00 Jul. 14, 2005 Page 59 of 986
REJ09B0098-0300
Section 3 MCU Operating Modes
3.1
Operating Mode Selection
This LSI supports five operating modes (modes 2 to 4, 6, and 7). The operating mode is
determined by the setting of the mode pins (MD2, MD1, and MD0). Table 3.1 shows the MCU
operating mode selection.
Table 3.1
MCU Operating Mode Selection
MCU Operating
Mode
MD2 MD1 MD0
CPU Operating
Mode
Description
On-Chip ROM
2
0
1
0
Advanced
Single-chip mode
Enabled
3
0
1
1
Normal
Single-chip mode
Enabled
4
1
0
0
Flash memory
programming/erasing
6
1
1
0
Emulation
On-chip emulation mode
Enabled
7
1
1
1
Emulation
On-chip emulation mode
Enabled
Modes 2 and 3 are single-chip mode.
Modes 0, 1, and 5 are not available in this LSI. Modes 4, 6, and 7 are operating modes for a
special purpose. Thus, mode pins should be set to enable mode 2 or 3 in the normal program
execution state. Mode pin settings should not be changed during operation.
Mode 4 is a boot mode for programming or erasing the flash memory. For details, see section 21,
Flash Memory (0.18-
µm F-ZTAT Version).
Modes 6 and 7 are on-chip emulation modes. In these modes, this LSI is controlled by an on-chip
emulator (E10A) via the JTAG, thus enabling on-chip emulation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com