Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2114R Datasheet(PDF) 108 Page - Renesas Technology Corp

No. de pieza H8S/2114R
Descripción Electrónicos  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R Datasheet(HTML) 108 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 104Page - Renesas Technology Corp H8S/2114R Datasheet HTML 105Page - Renesas Technology Corp H8S/2114R Datasheet HTML 106Page - Renesas Technology Corp H8S/2114R Datasheet HTML 107Page - Renesas Technology Corp H8S/2114R Datasheet HTML 108Page - Renesas Technology Corp H8S/2114R Datasheet HTML 109Page - Renesas Technology Corp H8S/2114R Datasheet HTML 110Page - Renesas Technology Corp H8S/2114R Datasheet HTML 111Page - Renesas Technology Corp H8S/2114R Datasheet HTML 112Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 1038 page
background image
Section 3 MCU Operating Modes
Rev. 3.00 Jul. 14, 2005 Page 60 of 986
REJ09B0098-0300
3.2
Register Descriptions
The following registers are related to the operating modes. For details on the bus control register
(BCR), see section 6.2.1, Bus Control Register (BCR).
• Mode control register (MDCR)
• System control register (SYSCR)
• Serial timer control register (STCR)
• System control register 3 (SYSCR3)
3.2.1
Mode Control Register (MDCR)
MDCR is used to set an operating mode and to monitor the current operating mode.
Bit
Bit Name Initial Value
R/W Description
7
EXPE
0
R/W Reserved
The initial value should not be changed.
6 to 3 —
All 0
R
Reserved
The initial value should not be changed.
2
1
0
MDS2
MDS1
MDS0
—*
—*
—*
R
R
R
Mode Select 2 to 0
These bits indicate the input levels at mode pins (MD2,
MD1, and MD0) (the current operating mode). The
MDS2, MDS1, and MDS0 bits correspond to the MD2,
MD1, and MD0 pins, respectively. These bits are read-
only bits and cannot be written to.
The input levels of the mode pins (MD2, MD1, and MD0)
are latched into these bits when MDCR is read. These
latches are canceled by a reset.
Note:
*
The initial values are determined by the settings of the MD2, MD1, and MD0 pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com