Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2114R Datasheet(PDF) 184 Page - Renesas Technology Corp

No. de pieza H8S/2114R
Descripción Electrónicos  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R Datasheet(HTML) 184 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 180Page - Renesas Technology Corp H8S/2114R Datasheet HTML 181Page - Renesas Technology Corp H8S/2114R Datasheet HTML 182Page - Renesas Technology Corp H8S/2114R Datasheet HTML 183Page - Renesas Technology Corp H8S/2114R Datasheet HTML 184Page - Renesas Technology Corp H8S/2114R Datasheet HTML 185Page - Renesas Technology Corp H8S/2114R Datasheet HTML 186Page - Renesas Technology Corp H8S/2114R Datasheet HTML 187Page - Renesas Technology Corp H8S/2114R Datasheet HTML 188Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 1038 page
background image
Section 7 Data Transfer Controller (DTC)
Rev. 3.00 Jul. 14, 2005 Page 136 of 986
REJ09B0098-0300
7.1
Features
•
Transfer is possible over any number of channels
•
Three transfer modes
Normal, repeat, and block transfer modes are available
•
One activation source can trigger a number of data transfers (chain transfer)
•
Direct specification of 16 Mbytes address space is possible
•
Activation by software is possible
•
Transfer can be set in byte or word units
•
A CPU interrupt can be requested for the interrupt that activated the DTC
Internal address bus
Interrupt controller
DTC
On-chip RAM
Internal data bus
CPU interrupt
request
Interrupt
request
MRA, MRB:
CRA, CRB:
SAR:
DAR:
DTCERA to DTCERE:
DTVECR:
DTC mode register A, B
DTC transfer count register A, B
DTC source address register
DTC destination address register
DTC enable registers A to E
DTC vector register
[Legend]
Figure 7.1 Block Diagram of DTC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com