Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2114R Datasheet(PDF) 186 Page - Renesas Technology Corp

No. de pieza H8S/2114R
Descripción Electrónicos  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R Datasheet(HTML) 186 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 182Page - Renesas Technology Corp H8S/2114R Datasheet HTML 183Page - Renesas Technology Corp H8S/2114R Datasheet HTML 184Page - Renesas Technology Corp H8S/2114R Datasheet HTML 185Page - Renesas Technology Corp H8S/2114R Datasheet HTML 186Page - Renesas Technology Corp H8S/2114R Datasheet HTML 187Page - Renesas Technology Corp H8S/2114R Datasheet HTML 188Page - Renesas Technology Corp H8S/2114R Datasheet HTML 189Page - Renesas Technology Corp H8S/2114R Datasheet HTML 190Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 1038 page
background image
Section 7 Data Transfer Controller (DTC)
Rev. 3.00 Jul. 14, 2005 Page 138 of 986
REJ09B0098-0300
7.2.1
DTC Mode Register A (MRA)
MRA selects the DTC operating mode.
Bit
Bit Name
Initial Value
R/W
Description
7
6
SM1
SM0
Undefined
Undefined
—
—
Source Address Mode 1, 0
These bits specify an SAR operation after a data transfer.
0*: SAR is fixed
10: SAR is incremented after a transfer
(by +1 when Sz = 0, by +2 when Sz = 1)
11: SAR is decremented after a transfer
(by –1 when Sz = 0, by –2 when Sz = 1)
5
4
DM1
DM0
Undefined
Undefined
—
—
Destination Address Mode 1, 0
These bits specify a DAR operation after a data transfer.
0*: DAR is fixed
10: DAR is incremented after a transfer
(by +1 when Sz = 0, by +2 when Sz = 1)
11: DAR is decremented after a transfer
(by –1 when Sz = 0, by –2 when Sz = 1)
3
2
MD1
MD0
Undefined
Undefined
—
—
DTC Mode
These bits specify the DTC transfer mode.
00: Normal mode
01: Repeat mode
10: Block transfer mode
11: Setting prohibited
1
DTS
Undefined
—
DTC Transfer Mode Select
Specifies whether the source side or the destination side
is set to be a repeat area or block area in repeat mode or
block transfer mode.
0: Destination side is repeat area or block area
1: Source side is repeat area or block area
0
Sz
Undefined
—
DTC Data Transfer Size
Specifies the size of data to be transferred.
0: Byte-size transfer
1: Word-size transfer
[Legend]
*:
Don't care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com