Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2114R Datasheet(PDF) 189 Page - Renesas Technology Corp

No. de pieza H8S/2114R
Descripción Electrónicos  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R Datasheet(HTML) 189 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 185Page - Renesas Technology Corp H8S/2114R Datasheet HTML 186Page - Renesas Technology Corp H8S/2114R Datasheet HTML 187Page - Renesas Technology Corp H8S/2114R Datasheet HTML 188Page - Renesas Technology Corp H8S/2114R Datasheet HTML 189Page - Renesas Technology Corp H8S/2114R Datasheet HTML 190Page - Renesas Technology Corp H8S/2114R Datasheet HTML 191Page - Renesas Technology Corp H8S/2114R Datasheet HTML 192Page - Renesas Technology Corp H8S/2114R Datasheet HTML 193Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 1038 page
background image
Section 7 Data Transfer Controller (DTC)
Rev. 3.00 Jul. 14, 2005 Page 141 of 986
REJ09B0098-0300
7.2.7
DTC Enable Registers (DTCER)
DTCER specifies DTC activation interrupt sources. DTCER is comprised of five registers:
DTCERA to DTCERE. The correspondence between interrupt sources and DTCE bits is shown in
tables 7.1 and 7.2. For DTCE bit setting, use bit manipulation instructions such as BSET and
BCLR. Multiple DTC activation sources can be set at one time (only at the initial setting) by
masking all interrupts and writing data after executing a dummy read on the relevant register.
Bit
Bit Name
Initial Value
R/W
Description
7
6
5
4
3
2
1
0
DTCEn7
DTCEn6
DTCEn5
DTCEn4
DTCEn3
DTCEn2
DTCEn1
DTCEn0
0
0
0
0
0
0
0
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
DTC Activation Enable
Setting this bit to 1 specifies a relevant interrupt source
as a DTC activation source.
[Clearing conditions]
•
When data transfer has ended with the DISEL bit in
MRB set to 1
•
When the specified number of transfers have
ended
These bits are not cleared when the DISEL bit is 0 and
the specified number of transfers have not been
completed
Note:
n: A to E
Table 7.1
Correspondence between Interrupt Sources and DTCER
Register
Bit
Bit Name
DTCERA
DTCERB
DTCERC
DTCERD
DTCERE
7
DTCEn7
(16)IRQ0
(53)OCIB
(69)CMIB1
(86)TXI1
(34)TGI0A
6
DTCEn6
(17)IRQ1
(39)TGI1A
(72)CMIAY
(89)RXI2
(35)TGI0B
5
DTCEn5
(18)IRQ2
(40)TGI1B
(73)CMIBY
(90)TXI2
(36)TGI0C
4
DTCEn4
(19)IRQ3
(43)TGI2A
(76)CMIAX
(92)IICI0
(37)TGI0D
3
DTCEn3
(28)ADI
(44)TGI2B
(77)CMIBX
(94)IICI1
(108)ERR1
2
DTCEn2
(48)ICIA
(64)CMIA0
(109)IBFI1
1
DTCEn1
(49)ICIB
(65)CMIB0
(110)IBFI2
0
DTCEn0
(52)OCIA
(68)CMIA1
(85)RXI1
(111)IBFI3
Note:
n
: A to E
( ) : Vector number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com