Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2114R Datasheet(PDF) 193 Page - Renesas Technology Corp

No. de pieza H8S/2114R
Descripción Electrónicos  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R Datasheet(HTML) 193 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 189Page - Renesas Technology Corp H8S/2114R Datasheet HTML 190Page - Renesas Technology Corp H8S/2114R Datasheet HTML 191Page - Renesas Technology Corp H8S/2114R Datasheet HTML 192Page - Renesas Technology Corp H8S/2114R Datasheet HTML 193Page - Renesas Technology Corp H8S/2114R Datasheet HTML 194Page - Renesas Technology Corp H8S/2114R Datasheet HTML 195Page - Renesas Technology Corp H8S/2114R Datasheet HTML 196Page - Renesas Technology Corp H8S/2114R Datasheet HTML 197Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 1038 page
background image
Section 7 Data Transfer Controller (DTC)
Rev. 3.00 Jul. 14, 2005 Page 145 of 986
REJ09B0098-0300
Table 7.2
Interrupt Sources, DTC Vector Addresses, and Corresponding DTCEs
Activation
Source Origin
Activation Source
Vector
Number
DTC Vector
Address
DTCE*
Priority
Software
Write to DTVECR
DTVECR
H'0400 + (vector
number x 2)
—
High
IRQ0
16
H'0420
DTCEA7
IRQ1
17
H'0422
DTCEA6
IRQ2
18
H'0424
DTCEA5
External pins
IRQ3
19
H'0426
DTCEA4
A/D converter
ADI
28
H'0438
DTCEA3
TGIA
34
H'0444
DTCEE7
TGIB
35
H'0446
DTCEE6
TGIC
36
H'0448
DTCEE5
TPU_0
TGID
37
H'044A
DTCEE4
TGIA
39
H'044E
DTCEB6
TPU_1
TGIB
40
H'0450
DTCEB5
TGIA
43
H'0456
DTCEB4
TPU_2
TGIB
44
H'0458
DTCEB3
ICIA
48
H'0460
DTCEA2
ICIB
49
H'0462
DTCEA1
OCIA
52
H'0468
DTCEA0
FRT
OCIB
53
H'046A
DTCEB7
CMIA0
64
H'0480
DTCEB2
TMR_0
CMIB0
65
H'0482
DTCEB1
CMIA1
68
H'0488
DTCEB0
TMR_1
CMIB1
69
H'048A
DTCEC7
CMIAY
72
H'0490
DTCEC6
TMR_Y
CMIBY
73
H'0492
DTCEC5
CMIAX
76
H'0498
DTCEC4
TMR_X
CMIBX
77
H'049A
DTCEC3
RXI1
85
H'04AA
DTCEC0
SCI_1
TXI1
86
H'04AC
DTCED7
RXI2
89
H'04B2
DTCED6
SCI_2
TXI2
90
H'04B4
DTCED5
IIC_0
IICI0
92
H'04B8
DTCED4
IIC_1
IICI1
94
H'04BC
DTCED3
Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com