Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2114R Datasheet(PDF) 224 Page - Renesas Technology Corp

No. de pieza H8S/2114R
Descripción Electrónicos  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R Datasheet(HTML) 224 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 220Page - Renesas Technology Corp H8S/2114R Datasheet HTML 221Page - Renesas Technology Corp H8S/2114R Datasheet HTML 222Page - Renesas Technology Corp H8S/2114R Datasheet HTML 223Page - Renesas Technology Corp H8S/2114R Datasheet HTML 224Page - Renesas Technology Corp H8S/2114R Datasheet HTML 225Page - Renesas Technology Corp H8S/2114R Datasheet HTML 226Page - Renesas Technology Corp H8S/2114R Datasheet HTML 227Page - Renesas Technology Corp H8S/2114R Datasheet HTML 228Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 224 / 1038 page
background image
Section 8 I/O Ports
Rev. 3.00 Jul. 14, 2005 Page 176 of 986
REJ09B0098-0300
• P45/TMRI1
The pin function is switched as shown below according to the P45DDR bit.
When the CCLR1 and CCLR0 bits in TCR of TMR_1 are set to 1, this pin is used as the
TMRI1 input pin.
P45DDR
0
1
P45 input pin
P45 output pin
Pin function
TMRI1 input pin
• P44/TMO1
The pin function is switched as shown below according to the combination of the OS3 to OS0
bits in TCR of TMR_1 and the P44DDR bit.
OS3 to OS0
All 0
One bit is set as 1
P44DDR
0
1
Pin function
P44 input pin
P44 output pin
TMO1 output pin
• P43/TMCI1
The pin function is switched as shown below according to the P43DDR bit. When the external
clock is selected by the CKS2 to CKS0 bits in TCR of TMR_1, this pin can be used as the
TMCII input pin.
P43DDR
0
1
P43 input pin
P43 output pin
Pin function
TMCI1 input pin
• P42/ExIRQ7/TMRI0/SCK2/SDA1
The pin function is switched as shown below according to the combination of the SDA1AS
and SDA1BS bits in PTCNT1, ICE bit in ICCR of IIC_1, CKE1 and CKE0 bits in SCR of
SCI_2, C/
A bit in SMR, and the P42DDR bit. When the CCLR1 and CCLR0 bits in TCR of
TMR_0 are set to 1, this pin is used as the TMRI0 input pin. When the ISS7 bit in ISSR and
the IRQ7E bit in IER of the interrupt controller are set to 1, this pin can be used as the
ExIRQ7 interrupt input pin. IICENABLE in the following table is expressed by the following
logical expressions.
IICENABLE = 1 : ICE •
SDA1AS • SDA1BS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com