Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2114R Datasheet(PDF) 227 Page - Renesas Technology Corp

No. de pieza H8S/2114R
Descripción Electrónicos  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R Datasheet(HTML) 227 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 223Page - Renesas Technology Corp H8S/2114R Datasheet HTML 224Page - Renesas Technology Corp H8S/2114R Datasheet HTML 225Page - Renesas Technology Corp H8S/2114R Datasheet HTML 226Page - Renesas Technology Corp H8S/2114R Datasheet HTML 227Page - Renesas Technology Corp H8S/2114R Datasheet HTML 228Page - Renesas Technology Corp H8S/2114R Datasheet HTML 229Page - Renesas Technology Corp H8S/2114R Datasheet HTML 230Page - Renesas Technology Corp H8S/2114R Datasheet HTML 231Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 227 / 1038 page
background image
Section 8 I/O Ports
Rev. 3.00 Jul. 14, 2005 Page 179 of 986
REJ09B0098-0300
8.5.3
Pin Functions
• P52/ExIRQ6/SCL0
The pin function is switched as shown below according to the combination of the SCL0AS
and SCL0BS bits in PTCNT1, ICE bit in ICCR of IIC_1, and the P52DDR bit.
When the IRQ6E bit in IER of the interrupt controller is set to 1, this pin can be used as the
ExIRQ6 interrupt input pin. IICENABLE in the following table is expressed by the following
logical expressions.
IICENABLE = 1 : ICE •
SCLOAS • SCLOBS
IICENABLE
0
1
P52DDR
0
1
P52 input pin
P52 output pin
SCL0 input/output pin
Pin function
ExIRQ6 input pin
Note:
To use this pin as the SCL0 input/output pin, clear the SCL0AS and SCL0BS bits in
PTCNT1 to 0. The output format for SCL0 is NMOS output only, and direct bus drive is
possible. When this pin is used as the P52 output pin, the output format is NMOS push-pull
output.
• P51/TMOY
The pin function is switched as shown below according to the combination of the OS3 to OS0
bits in TCSR of TMR_Y and the P51DDR bit.
OS3 to OS0
All 0
One bit is set as 1
P51DDR
0
1
Pin function
P51 input pin
P51 output pin
TMOY output pin
• P50/ExEXCL
The pin function is switched as shown below according to the combination of the EXCLS bit
in PTCNT0, EXCLE bit in LPWRCR, and the P50DDR bit.
To use this pin as the ExEXCL input pin, clear the P50DDR bit to 0.
EXCLS
0
1
P50DDR
0
1
0
1
EXCLE
0
1
0
Pin function
P50 input pin P50 output pin
P50 input pin
ExEXCL input pin
P50 output pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com