Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2114R Datasheet(PDF) 225 Page - Renesas Technology Corp

No. de pieza H8S/2114R
Descripción Electrónicos  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R Datasheet(HTML) 225 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 221Page - Renesas Technology Corp H8S/2114R Datasheet HTML 222Page - Renesas Technology Corp H8S/2114R Datasheet HTML 223Page - Renesas Technology Corp H8S/2114R Datasheet HTML 224Page - Renesas Technology Corp H8S/2114R Datasheet HTML 225Page - Renesas Technology Corp H8S/2114R Datasheet HTML 226Page - Renesas Technology Corp H8S/2114R Datasheet HTML 227Page - Renesas Technology Corp H8S/2114R Datasheet HTML 228Page - Renesas Technology Corp H8S/2114R Datasheet HTML 229Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 1038 page
background image
Section 8 I/O Ports
Rev. 3.00 Jul. 14, 2005 Page 177 of 986
REJ09B0098-0300
IICENABLE
0
1
CKE1
0
1
0
C/
A
0
1
0
CKE0
0
1
0
P42DDR
0
1
P42 input
pin
P42 output
pin
SCK2 output
pin
SCK2 output
pin
SCK2 input
pin
SDA1 input/output
pin
Pin function
ExIRQ7 input pin/TMRI0 input pin
Note:
To use this pin as the SDA1 input/output pin, clear the SDA1AS and SDA1BS bits in
PTCNT1, CKE1 and CKE0 bits in SCR of SCI_2, and C/
A bit in SMR to 0. The output
format for SDA1 is NMOS output only, and direct bus drive is possible. When this pin is
used as the P42 output pin or SCK2 output pin, the output format is NMOS push-pull output.
• P41/TMO0/RxD2/DCLKRUN
The pin function is switched as shown below according to the combination of the OS3 to OS0
bits in TCSR of TMR_0, RE bit in SCR of SCI_2, LPCS bit in PTCNT2 and the P41DDR bits.
LPCS
0
1
OS3 to OS0
All 0
One bit is set as 1
RE
0
1
0
P41DDR
0
1
Pin function
P41 input pin
P41 output pin
RxD2 input pin
TMO0 output pin
DCLKRUN
input/output pin
Note:
To use this pin as the TMO0 output pin, clear the RE bit in SCR of SCI_2 to 0.
• P40/TMCI0/TxD2/DSERIRQ
The pin function is switched as shown below according to the combination of the TE bit in
SCR of SCI_2, LPCS bit in PTCNT2, and the P40DDR bits. When the TMI0S bit in PTCNT0
is cleared to 0 and the external clock is selected by the CKS2 to CKS0 bits in TCR of TMR_0,
this bit is used as the TMCI0 input pin.
LPCS
0
1
TE
0
1
P40DDR
0
1
P40 input pin
P40 output pin
TxD2 output pin
DSERIRQ input/output pin
Pin function
TMCI0 input pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com