Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2114R Datasheet(PDF) 282 Page - Renesas Technology Corp

No. de pieza H8S/2114R
Descripción Electrónicos  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R Datasheet(HTML) 282 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 278Page - Renesas Technology Corp H8S/2114R Datasheet HTML 279Page - Renesas Technology Corp H8S/2114R Datasheet HTML 280Page - Renesas Technology Corp H8S/2114R Datasheet HTML 281Page - Renesas Technology Corp H8S/2114R Datasheet HTML 282Page - Renesas Technology Corp H8S/2114R Datasheet HTML 283Page - Renesas Technology Corp H8S/2114R Datasheet HTML 284Page - Renesas Technology Corp H8S/2114R Datasheet HTML 285Page - Renesas Technology Corp H8S/2114R Datasheet HTML 286Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 282 / 1038 page
background image
Section 8 I/O Ports
Rev. 3.00 Jul. 14, 2005 Page 234 of 986
REJ09B0098-0300
8.16.2
Port G Output Data Register (PGODR)
PGODR stores output data for the port G pins.
Bit
Bit Name
Initial Value
R/W
Description
7
PG7ODR
0
R/W
6
PG6ODR
0
R/W
5
PG5ODR
0
R/W
4
PG4ODR
0
R/W
3
PG3ODR
0
R/W
2
PG2ODR
0
R/W
1
PG1ODR
0
R/W
0
PG0ODR
0
R/W
The PGODR register stores the output data for the
pins that are used as the general output port.
8.16.3
Port G Input Data Register (PGPIN)
PGPIN indicates the pin states of port G.
Bit
Bit Name Initial Value
R/W
Description
7
PG7PIN
Undefined*
R
6
PG6PIN
Undefined*
R
5
PG5PIN
Undefined*
R
4
PG4PIN
Undefined*
R
3
PG3PIN
Undefined*
R
2
PG2PIN
Undefined*
R
1
PG1PIN
Undefined*
R
0
PG0PIN
Undefined*
R
When PGPIN is read, the pin states are returned.
This register is assigned to the same address as
that of PGDDR. When this register is written to, data
is written to PGDDR and the port G setting is then
changed.
Note:
*
The initial value of these pins is determined in accordance with the state of pins PG7 to
PG0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com