Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2114R Datasheet(PDF) 283 Page - Renesas Technology Corp

No. de pieza H8S/2114R
Descripción Electrónicos  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R Datasheet(HTML) 283 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 279Page - Renesas Technology Corp H8S/2114R Datasheet HTML 280Page - Renesas Technology Corp H8S/2114R Datasheet HTML 281Page - Renesas Technology Corp H8S/2114R Datasheet HTML 282Page - Renesas Technology Corp H8S/2114R Datasheet HTML 283Page - Renesas Technology Corp H8S/2114R Datasheet HTML 284Page - Renesas Technology Corp H8S/2114R Datasheet HTML 285Page - Renesas Technology Corp H8S/2114R Datasheet HTML 286Page - Renesas Technology Corp H8S/2114R Datasheet HTML 287Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 283 / 1038 page
background image
Section 8 I/O Ports
Rev. 3.00 Jul. 14, 2005 Page 235 of 986
REJ09B0098-0300
8.16.4
Noise Canceller Enable Register (PGNCE)
PGNCE enables or disables the noise cancel circuit at port G. To use the port G pins as the IIC_0
and IIC_1input/output pins, these bits in PGNCE should be disabled.
Bit
Bit Name
Initial Value
R/W
Description
7
PG7NCE
0
R/W
6
PG6NCE
0
R/W
5
PG5NCE
0
R/W
4
PG4NCE
0
R/W
3
PG3NCE
0
R/W
2
PG2NCE
0
R/W
1
PG1NCE
0
R/W
0
PG0NCE
0
R/W
Noise cancel circuit is enabled when PGNCE bit is
set to 1, and the pin state is fetched in the PGPIN
in the sampling cycle set by the PGNCCS.
8.16.5
Noise Canceller Mode Control Register (PGNCMC)
PGNCMC controls whether 1 or 0 is expected for the input signal to port G in bit units.
Bit
Bit Name
Initial Value
R/W
Description
7
PG7NCMC
0
R/W
6
PG6NCMC
0
R/W
5
PG5NCMC
0
R/W
4
PG4NCMC
0
R/W
3
PG3NCMC
0
R/W
2
PG2NCMC
0
R/W
1
PG1NCMC
0
R/W
0
PG0NCMC
0
R/W
1 expected: 1 is stored in the port data register
when 1 is input
0 expected: 0 is stored in the port data register
when 0 is input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com