Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2114R Datasheet(PDF) 286 Page - Renesas Technology Corp

No. de pieza H8S/2114R
Descripción Electrónicos  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R Datasheet(HTML) 286 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 282Page - Renesas Technology Corp H8S/2114R Datasheet HTML 283Page - Renesas Technology Corp H8S/2114R Datasheet HTML 284Page - Renesas Technology Corp H8S/2114R Datasheet HTML 285Page - Renesas Technology Corp H8S/2114R Datasheet HTML 286Page - Renesas Technology Corp H8S/2114R Datasheet HTML 287Page - Renesas Technology Corp H8S/2114R Datasheet HTML 288Page - Renesas Technology Corp H8S/2114R Datasheet HTML 289Page - Renesas Technology Corp H8S/2114R Datasheet HTML 290Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 286 / 1038 page
background image
Section 8 I/O Ports
Rev. 3.00 Jul. 14, 2005 Page 238 of 986
REJ09B0098-0300
• PG6/ExIRQ14/ExSDAB
The pin function is switched as shown below according to the combination of the SDA1BS
and SDA0BS bits in PTCNT1, ICE bit in ICCR of IIC_1 and IIC_0, and the PG6DDR bit.
When the ISS14 bit in ISSR16 is set to 1 and the IRQ14E bit in IER16 of the interrupt
controller is set to 1, this pin can be used as the
ExIRQ14 input pin.
SDA1BS
0
1
0
SDA0BS
0
1
ICE_1
0
1
ICE_0
0
1
PG6DDR
0
1
0
1
0
1
PG6
input pin
PG6
output pin
PG6
input pin
PG6
output pin
ExSDAB
(SDA1)
input/output
pin
PG6
input pin
PG6
output pin
ExSDAB
(SDA0)
input/output
pin
Pin function
ExIRQ14 input pin
Note:
SDA1BS and SDA0BS, SDA1BS and SDA1AS, and SDA0BS and SDA0AS should not be
set to 1 at the same time. The output format for ExSDAB is NMOS open-drain output, and
direct bus drive is possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com