Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AMD-K6-2E/400AMZ Datasheet(PDF) 291 Page - Advanced Micro Devices

No. de pieza AMD-K6-2E/400AMZ
Descripción Electrónicos  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/400AMZ Datasheet(HTML) 291 Page - Advanced Micro Devices

Back Button AMD-K6-2E/400AMZ Datasheet HTML 287Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 288Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 289Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 290Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 291Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 292Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 293Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 294Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 295Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 291 / 332 page
background image
Chapter 15
Signal Switching Characteristics
273
22529B/0—January 2000
AMD-K6™-2E Processor Data Sheet
Preliminary Information
t72
2
INIT Setup Time
1.7 ns
93
t73
2
INIT Hold Time
1.0 ns
93
t74
1
INTR Setup Time
1.7 ns
93
t75
1
INTR Hold Time
1.0 ns
93
t76
INV Setup Time
1.7 ns
93
t77
INV Hold Time
1.0 ns
93
t78
KEN# Setup Time
3.0 ns
93
t79
KEN# Hold Time
1.0 ns
93
t80
NA# Setup Time
1.7 ns
93
t81
NA# Hold Time
1.0 ns
93
t82
2
NMI Setup Time
1.7 ns
93
t83
2
NMI Hold Time
1.0 ns
93
t84
2
SMI# Setup Time
1.7 ns
93
t85
2
SMI# Hold Time
1.0 ns
93
t86
1
STPCLK# Setup Time
1.7 ns
93
t87
1
STPCLK# Hold Time
1.0 ns
93
t88
WB/WT# Setup Time
1.7 ns
93
t89
WB/WT# Hold Time
1.0 ns
93
Notes:
1. These level-sensitive signals can be asserted synchronously or asynchronously. To be sampled on a specific clock edge, setup
and hold times must be met. If asserted asynchronously, they must be asserted for a minimum pulse width of two clocks.
2. These edge-sensitive signals can be asserted synchronously or asynchronously. To be sampled on a specific clock edge, setup
and hold times must be met. If asserted asynchronously, they must have been negated at least two clocks prior to assertion and
must remain asserted at least two clocks.
Table 59. Input Setup and Hold Timings for 100-MHz Bus Operation (continued)
Symbol
Parameter Description
Preliminary Data
Figure
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com