Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AMD-K6-2E/400AMZ Datasheet(PDF) 79 Page - Advanced Micro Devices

No. de pieza AMD-K6-2E/400AMZ
Descripción Electrónicos  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/400AMZ Datasheet(HTML) 79 Page - Advanced Micro Devices

Back Button AMD-K6-2E/400AMZ Datasheet HTML 75Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 76Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 77Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 78Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 79Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 80Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 81Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 82Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 83Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 332 page
background image
Chapter 3
Software Environment
61
22529B/0—January 2000
AMD-K6™-2E Processor Data Sheet
Preliminary Information
CMPXCHG mreg16/32, reg16/32
0Fh
B1h
11-xxx-xxx
vector
CMPXCHG mem16/32, reg16/32
0Fh
B1h
mm-xxx-xxx
vector
CMPXCHG8B EDX:EAX
0Fh
C7h
11-xxx-xxx
vector
CMPXCHG8B mem64
0Fh
C7h
mm-xxx-xxx
vector
CPUID
0Fh
A2h
vector
CWD/CDQ EDX, EAX
99h
vector
DAA
27h
vector
DAS
2Fh
vector
DEC EAX
48h
short
alu
DEC ECX
49h
short
alu
DEC EDX
4Ah
short
alu
DEC EBX
4Bh
short
alu
DEC ESP
4Ch
short
alu
DEC EBP
4Dh
short
alu
DEC ESI
4Eh
short
alu
DEC EDI
4Fh
short
alu
DEC mreg8
FEh
11-001-xxx
vector
DEC mem8
FEh
mm-001-xxx
long
load, alux, store
DEC mreg16/32
FFh
11-001-xxx
vector
DEC mem16/32
FFh
mm-001-xxx
long
load, alu, store
DIV AL, mreg8
F6h
11-110-xxx
vector
DIV AL, mem8
F6h
mm-110-xxx
vector
DIV EAX, mreg16/32
F7h
11-110-xxx
vector
DIV EAX, mem16/32
F7h
mm-110-xxx
vector
IDIV mreg8
F6h
11-111-xxx
vector
IDIV mem8
F6h
mm-111-xxx
vector
IDIV EAX, mreg16/32
F7h
11-111-xxx
vector
IDIV EAX, mem16/32
F7h
mm-111-xxx
vector
IMUL reg16/32, imm16/32
69h
11-xxx-xxx
vector
IMUL reg16/32, mreg16/32, imm16/32
69h
11-xxx-xxx
vector
IMUL reg16/32, mem16/32, imm16/32
69h
mm-xxx-xxx
vector
IMUL reg16/32, imm8 (sign extended)
6Bh
11-xxx-xxx
vector
IMUL reg16/32, mreg16/32, imm8 (signed)
6Bh
11-xxx-xxx
vector
IMUL reg16/32, mem16/32, imm8 (signed)
6Bh
mm-xxx-xxx
vector
IMUL AX, AL, mreg8
F6h
11-101-xxx
vector
Table 12. Integer Instructions (continued)
Instruction Mnemonic
First
Byte
Second
Byte
ModR/M
Byte
Decode
Type
RISC86
Operations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com