Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AMD-K6-2E/400AMZ Datasheet(PDF) 78 Page - Advanced Micro Devices

No. de pieza AMD-K6-2E/400AMZ
Descripción Electrónicos  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/400AMZ Datasheet(HTML) 78 Page - Advanced Micro Devices

Back Button AMD-K6-2E/400AMZ Datasheet HTML 74Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 75Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 76Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 77Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 78Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 79Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 80Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 81Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 82Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 332 page
background image
60
Software Environment
Chapter 3
AMD-K6™-2E Processor Data Sheet
22529B/0—January 2000
Preliminary Information
BTS mem16/32, reg16/32
0Fh
ABh
mm-xxx-xxx
vector
BTS mreg16/32, imm8
0Fh
BAh
11-101-xxx
vector
BTS mem16/32, imm8
0Fh
BAh
mm-101-xxx
vector
CALL full pointer
9Ah
vector
CALL near imm16/32
E8h
short
store
CALL mem16:16/32
FFh
11-011-xxx
vector
CALL near mreg32 (indirect)
FFh
11-010-xxx
vector
CALL near mem32 (indirect)
FFh
mm-010-xxx
vector
CBW/CWDE EAX
98h
vector
CLC
F8h
vector
CLD
FCh
vector
CLI
FAh
vector
CLTS
0Fh
06h
vector
CMC
F5h
vector
CMP mreg8, reg8
38h
11-xxx-xxx
short
alux
CMP mem8, reg8
38h
mm-xxx-xxx
short
load, alux
CMP mreg16/32, reg16/32
39h
11-xxx-xxx
short
alu
CMP mem16/32, reg16/32
39h
mm-xxx-xxx
short
load, alu
CMP reg8, mreg8
3Ah
11-xxx-xxx
short
alux
CMP reg8, mem8
3Ah
mm-xxx-xxx
short
load, alux
CMP reg16/32, mreg16/32
3Bh
11-xxx-xxx
short
alu
CMP reg16/32, mem16/32
3Bh
mm-xxx-xxx
short
load, alu
CMP AL, imm8
3Ch
short
alux
CMP EAX, imm16/32
3Dh
short
alu
CMP mreg8, imm8
80h
11-111-xxx
short
alux
CMP mem8, imm8
80h
mm-111-xxx
short
load, alux
CMP mreg16/32, imm16/32
81h
11-111-xxx
short
alu
CMP mem16/32, imm16/32
81h
mm-111-xxx
short
load, alu
CMP mreg16/32, imm8 (signed ext.)
83h
11-111-xxx
long
load, alu
CMP mem16/32, imm8 (signed ext.)
83h
mm-111-xxx
long
load, alu
CMPSB mem8, mem8
A6h
vector
CMPSW mem16, mem32
A7h
vector
CMPSD mem32, mem32
A7h
vector
CMPXCHG mreg8, reg8
0Fh
B0h
11-xxx-xxx
vector
CMPXCHG mem8, reg8
0Fh
B0h
mm-xxx-xxx
vector
Table 12. Integer Instructions (continued)
Instruction Mnemonic
First
Byte
Second
Byte
ModR/M
Byte
Decode
Type
RISC86
Operations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com