Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AMD-K6-2E/400AMZ Datasheet(PDF) 75 Page - Advanced Micro Devices

No. de pieza AMD-K6-2E/400AMZ
Descripción Electrónicos  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/400AMZ Datasheet(HTML) 75 Page - Advanced Micro Devices

Back Button AMD-K6-2E/400AMZ Datasheet HTML 71Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 72Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 73Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 74Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 75Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 76Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 77Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 78Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 79Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 332 page
background image
Chapter 3
Software Environment
57
22529B/0—January 2000
AMD-K6™-2E Processor Data Sheet
Preliminary Information
s
reg16/32—word or doubleword integer register defined by
instruction byte(s) or bits 5, 4, and 3 of the modR/M byte
Opcode Bytes
The second and third columns list all applicable opcode bytes.
ModR/M Byte
The fourth column lists the modR/M byte when used by the
instruction. The modR/M byte defines the instruction as a
register or memory form. If modR/M bits 7 and 6 are documented
as mm (memory form), mm can only be 10b, 01b or 00b.
Decode Type
The fifth column lists the type of instruction decode — short,
long, and vector. The AMD-K6-2E processor decode logic can
process two short, one long, or one vector decode per clock.
RISC86 Operation
The sixth column lists the type of RISC86 operation(s) required
for the instruction. The operation types and corresponding
execution units are as follows:
s
alu—either of the integer execution units
s
alux—integer X execution unit only
s
branch—branch condition unit
s
float—floating-point execution unit
s
limm—load immediate, instruction control unit
s
load, fload, mload—load unit
s
meu—Multimedia execution units for MMX and 3DNow!
instructions
s
store, fstore, mstore—store unit
Table 12. Integer Instructions
Instruction Mnemonic
First
Byte
Second
Byte
ModR/M
Byte
Decode
Type
RISC86
Operations
AAA
37h
vector
AAD
D5h
0Ah
vector
AAM
D4h
0Ah
vector
AAS
3Fh
vector
ADC mreg8, reg8
10h
11-xxx-xxx
vector
ADC mem8, reg8
10h
mm-xxx-xxx
vector
ADC mreg16/32, reg16/32
11h
11-xxx-xxx
vector
ADC mem16/32, reg16/32
11h
mm-xxx-xxx
vector
ADC reg8, mreg8
12h
11-xxx-xxx
vector
ADC reg8, mem8
12h
mm-xxx-xxx
vector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com