Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AMD-K6-2E/400AMZ Datasheet(PDF) 92 Page - Advanced Micro Devices

No. de pieza AMD-K6-2E/400AMZ
Descripción Electrónicos  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/400AMZ Datasheet(HTML) 92 Page - Advanced Micro Devices

Back Button AMD-K6-2E/400AMZ Datasheet HTML 88Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 89Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 90Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 91Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 92Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 93Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 94Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 95Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 96Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 332 page
background image
74
Software Environment
Chapter 3
AMD-K6™-2E Processor Data Sheet
22529B/0—January 2000
Preliminary Information
XCHG EAX, ESI
96h
long
alu, alu, alu
XCHG EAX, EDI
97h
long
alu, alu, alu
XLAT
D7h
vector
XOR mreg8, reg8
30h
11-xxx-xxx
short
alux
XOR mem8, reg8
30h
mm-xxx-xxx
long
load, alux, store
XOR mreg16/32, reg16/32
31h
11-xxx-xxx
short
alu
XOR mem16/32, reg16/32
31h
mm-xxx-xxx
long
load, alu, store
XOR reg8, mreg8
32h
11-xxx-xxx
short
alux
XOR reg8, mem8
32h
mm-xxx-xxx
short
load, alux
XOR reg16/32, mreg16/32
33h
11-xxx-xxx
short
alu
XOR reg16/32, mem16/32
33h
mm-xxx-xxx
short
load, alu
XOR AL, imm8
34h
short
alux
XOR EAX, imm16/32
35h
short
alu
XOR mreg8, imm8
80h
11-110-xxx
short
alux
XOR mem8, imm8
80h
mm-110-xxx
long
load, alux, store
XOR mreg16/32, imm16/32
81h
11-110-xxx
short
alu
XOR mem16/32, imm16/32
81h
mm-110-xxx
long
load, alu, store
XOR mreg16/32, imm8 (signed ext.)
83h
11-110-xxx
short
alux
XOR mem16/32, imm8 (signed ext.)
83h
mm-110-xxx
long
load, alux, store
Table 13. Floating-Point Instructions
Instruction Mnemonic
First
Byte
Second
Byte
ModR/M
Byte
Decode
Type
RISC86
Operations
F2XM1
D9h
F0h
short
float
FABS
D9h
F1h
short
float
FADD ST(0), ST(i)1
D8h
11-000-xxx
short
float
FADD ST(0), mem32real
D8h
mm-000-xxx
short
fload, float
FADD ST(i), ST(0)1
DCh
11-000-xxx
short
float
FADD ST(0), mem64real
DCh
mm-000-xxx
short
fload, float
FADDP ST(i), ST(0)1
DEh
11-000-xxx
short
float
FBLD
DFh
mm-100-xxx
vector
FBSTP
DFh
mm-110-xxx
vector
FCHS
D9h
E0h
short
float
FCLEX
DBh
E2h
vector
Table 12. Integer Instructions (continued)
Instruction Mnemonic
First
Byte
Second
Byte
ModR/M
Byte
Decode
Type
RISC86
Operations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com