Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AMD-K6-2E/400AMZ Datasheet(PDF) 35 Page - Advanced Micro Devices

No. de pieza AMD-K6-2E/400AMZ
Descripción Electrónicos  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/400AMZ Datasheet(HTML) 35 Page - Advanced Micro Devices

Back Button AMD-K6-2E/400AMZ Datasheet HTML 31Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 32Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 33Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 34Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 35Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 36Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 37Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 38Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 39Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 332 page
background image
Chapter 2
Internal Architecture
17
22529B/0—January 2000
AMD-K6™-2E Processor Data Sheet
Preliminary Information
decodes. The MMX instruction decode generates a RISC86
MMX operation and, optionally, an associated MMX load or
store operation. A 3DNow! instruction decode generates a
RISC86 3DNow! operation and, optionally, an associated load or
store operation. MMX and 3DNow! instructions can be decoded
in either or both of the short decoders.
2.4
Centralized Scheduler
The scheduler is the heart of the AMD-K6-2E processor (see
Figure 5 on page 18). The scheduler contains the logic necessary
to manage out-of-order execution, data forwarding, register
renaming, simultaneous issue and retirement of multiple
RISC86 operations, and speculative execution.
The scheduler’s buffer can hold up to 24 RISC86 operations.
This equates to a maximum of 12 x86 instructions. When
possible, the scheduler can simultaneously issue a RISC86
operation to any available execution unit (store, load, branch,
integer, integer/multimedia, or floating-point). In total, the
scheduler can issue up to six and retire up to four RISC86
operations per clock.
The main advantage of the scheduler and its operation buffer is
the ability to examine an x86 instruction window equal to 12
x86 instructions at one time. This advantage is due to the fact
that the scheduler operates on the RISC86 operations in
parallel and allows the AMD-K6-2E processor to perform
dynamic on-the-fly instruction code scheduling for optimized
execution. Although the scheduler can issue RISC86 operations
for out-of-order execution, it always retires x86 instructions in
order.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com