Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AMD-K6-2E/400AMZ Datasheet(PDF) 84 Page - Advanced Micro Devices

No. de pieza AMD-K6-2E/400AMZ
Descripción Electrónicos  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/400AMZ Datasheet(HTML) 84 Page - Advanced Micro Devices

Back Button AMD-K6-2E/400AMZ Datasheet HTML 80Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 81Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 82Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 83Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 84Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 85Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 86Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 87Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 88Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 332 page
background image
66
Software Environment
Chapter 3
AMD-K6™-2E Processor Data Sheet
22529B/0—January 2000
Preliminary Information
MUL EAX, mreg16/32
F7h
11-100-xxx
vector
MUL EAX, mem16/32
F7h
mm-100-xxx
vector
NEG mreg8
F6h
11-011-xxx
short
alux
NEG mem8
F6h
mm-011-xxx
vector
NEG mreg16/32
F7h
11-011-xxx
short
alu
NEG mem16/32
F7h
mm-011-xxx
vector
NOP (XCHG EAX, EAX)
90h
short
limm
NOT mreg8
F6h
11-010-xxx
short
alux
NOT mem8
F6h
mm-010-xxx
vector
NOT mreg16/32
F7h
11-010-xxx
short
alu
NOT mem16/32
F7h
mm-010-xxx
vector
OR mreg8, reg8
08h
11-xxx-xxx
short
alux
OR mem8, reg8
08h
mm-xxx-xxx
long
load, alux, store
OR mreg16/32, reg16/32
09h
11-xxx-xxx
short
alu
OR mem16/32, reg16/32
09h
mm-xxx-xxx
long
load, alu, store
OR reg8, mreg8
0Ah
11-xxx-xxx
short
alux
OR reg8, mem8
0Ah
mm-xxx-xxx
short
load, alux
OR reg16/32, mreg16/32
0Bh
11-xxx-xxx
short
alu
OR reg16/32, mem16/32
0Bh
mm-xxx-xxx
short
load, alu
OR AL, imm8
0Ch
short
alux
OR EAX, imm16/32
0Dh
short
alu
OR mreg8, imm8
80h
11-001-xxx
short
alux
OR mem8, imm8
80h
mm-001-xxx
long
load, alux, store
OR mreg16/32, imm16/32
81h
11-001-xxx
short
alu
OR mem16/32, imm16/32
81h
mm-001-xxx
long
load, alu, store
OR mreg16/32, imm8 (signed ext.)
83h
11-001-xxx
short
alux
OR mem16/32, imm8 (signed ext.)
83h
mm-001-xxx
long
load, alux, store
OUT imm8, AL
E6h
vector
OUT imm8, AX
E7h
vector
OUT imm8, EAX
E7h
vector
OUT DX, AL
EEh
vector
OUT DX, AX
EFh
vector
OUT DX, EAX
EFh
vector
POP ES
07h
vector
POP SS
17h
vector
Table 12. Integer Instructions (continued)
Instruction Mnemonic
First
Byte
Second
Byte
ModR/M
Byte
Decode
Type
RISC86
Operations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com