Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AMD-K6-2E/400AMZ Datasheet(PDF) 70 Page - Advanced Micro Devices

No. de pieza AMD-K6-2E/400AMZ
Descripción Electrónicos  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/400AMZ Datasheet(HTML) 70 Page - Advanced Micro Devices

Back Button AMD-K6-2E/400AMZ Datasheet HTML 66Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 67Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 68Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 69Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 70Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 71Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 72Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 73Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 74Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 332 page
background image
52
Software Environment
Chapter 3
AMD-K6™-2E Processor Data Sheet
22529B/0—January 2000
Preliminary Information
Figure 46. Page Table Entry (PTE)
3.5
Descriptors and Gates
There are various types of structures and registers in the x86
architecture that define, protect, and isolate code segments,
data segments, task state segments, and gates. These structures
are called descriptors.
s
The application segment descriptor is used to point to either a
data or code segment. Figure 47 on page 53 shows the
application segment descriptor format. Table 9 contains
information describing the memory segment type to which
the descriptor points.
s
The system segment descriptor is used to point to a task state
segment, a call gate, or a local descriptor table. Figure 48 on
page 54 shows the system segment descriptor format. Table
10 contains information describing the type of segment or
gate to which the descriptor points.
s
The AMD-K6-2E processor uses gates to transfer control
between executable segments with different privilege
levels. Figure 49 on page 55 shows the format of the gate
descriptor types. Table 10 contains information describing
the type of segment or gate to which the descriptor points.
876
5432
10
31
P
C
D
U
/
S
W
/
R
9
10
11
12
A
V
L
A
P
W
T
P
Physical Page Base Address
D
Symbol
Description
Bits
AVL
Available to Software
11–9
Reserved
8–7
D
Dirty
6
A
Accessed
5
PCD
Page Cache Disable
4
PWT
Page Writethrough
3
U/S
User/Supervisor
2
W/R
Write/Read
1
P
Present (valid)
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com