Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AMD-K6-2E/400AMZ Datasheet(PDF) 37 Page - Advanced Micro Devices

No. de pieza AMD-K6-2E/400AMZ
Descripción Electrónicos  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/400AMZ Datasheet(HTML) 37 Page - Advanced Micro Devices

Back Button AMD-K6-2E/400AMZ Datasheet HTML 33Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 34Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 35Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 36Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 37Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 38Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 39Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 40Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 41Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 332 page
background image
Chapter 2
Internal Architecture
19
22529B/0—January 2000
AMD-K6™-2E Processor Data Sheet
Preliminary Information
Th e I n te ger X exec utio n unit c a n operat e on a ll AL U
operations, multiplies, divides (signed and unsigned), shifts,
and rotates.
The Integer Y execution unit can operate on the basic word and
doubleword ALU operations — ADD, AND, CMP, OR, SUB,
XOR, zero-extend, and sign-extend operands.
The func tional units that exec ut e MMX and 3DNow!
instructions share pipeline control with the Integer X and
Integer Y units.
Register X and Y
Pipelines
The register X and Y functional units are attached to the issue
bus for the register X execution pipeline or the issue bus for the
register Y execution pipeline or both. Each register pipeline
has dedicated resources that consist of an integer execution
unit and an MMX ALU execution unit, therefore allowing
superscalar operation on integer and MMX instructions. In
addition, both the X and Y issue buses are connected to the
3DNow! ALU, the MMX/3DNow! multiplier, and MMX shifter,
which allows the appropriate RISC86 operation to be issued
through either bus. Figure 6 on page 20 shows the details of the
X and Y register pipelines.
Table 1. Execution Latency and Throughput of Execution Units
Functional Unit
Function
Latency
Throughput
Store
LEA/PUSH, Address (Pipelined)
1
1
Memory Store (Pipelined)
1
1
Load
Memory Loads (Pipelined)
2
1
Integer X
Integer ALU
1
1
Integer Multiply
2–3
2–3
Integer Shift
1
1
Multimedia
(processes
MMX instructions)
MMX ALU
1
1
MMX Shifts, Packs, Unpack
1
1
MMX Multiply
2
1
Integer Y
Basic ALU (16-bit and 32-bit operands)
1
1
Branch
Resolves Branch Conditions
1
1
FPU
FADD, FSUB, FMUL
2
2
3DNow!
3DNow! ALU
2
1
3DNow! Multiply
2
1
3DNow! Convert
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com