Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AMD-K6-2E/400AMZ Datasheet(PDF) 33 Page - Advanced Micro Devices

No. de pieza AMD-K6-2E/400AMZ
Descripción Electrónicos  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/400AMZ Datasheet(HTML) 33 Page - Advanced Micro Devices

Back Button AMD-K6-2E/400AMZ Datasheet HTML 29Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 30Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 31Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 32Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 33Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 34Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 35Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 36Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 37Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 332 page
background image
Chapter 2
Internal Architecture
15
22529B/0—January 2000
AMD-K6™-2E Processor Data Sheet
Preliminary Information
Figure 4. AMD-K6™-2E Processor Decode Logic
The AMD-K6-2E processor uses a combination of decoders to
convert x86 instructions into RISC86 operations. The hardware
consists of three sets of decoders—two parallel short decoders,
one long decoder, and one vector decoder.
Parallel Short Decoders. The two parallel short decoders translate
the most commonly-used x86 instructions ( moves, shifts,
branches, ALU, FPU) and the extensions to the x86 instruction
set (MMX and 3DNow! technology) into zero, one, or two
RISC86 operations each. The short decoders only operate on
x86 instructions that are up to seven bytes long. In addition, the
decoders are designed to decode up to two x86 instructions per
clock.
Instruction Buffer
4 RISC86 Operations
Long Decoder
Short Decoder #1
Short Decoder #2
Vector Address
Vector Decoder
RISC86® Sequencer
On-Chip ROM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com