Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AMD-K6-2E/400AMZ Datasheet(PDF) 72 Page - Advanced Micro Devices

No. de pieza AMD-K6-2E/400AMZ
Descripción Electrónicos  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/400AMZ Datasheet(HTML) 72 Page - Advanced Micro Devices

Back Button AMD-K6-2E/400AMZ Datasheet HTML 68Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 69Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 70Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 71Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 72Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 73Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 74Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 75Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 76Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 332 page
background image
54
Software Environment
Chapter 3
AMD-K6™-2E Processor Data Sheet
22529B/0—January 2000
Preliminary Information
Figure 48. System Segment Descriptor
Base Address 15–0
Segment Limit 15–0
9
876
5432
10
10
11
12
13
14
15
16
17
18
19
20
21
31 30 29 28 27 26 25 24 23 22
Segment
Limit
P
DPL
0
Type
A
V
L
G
X
Base Address 31–24
Base Address 23–16
Reserved
Symbol
Description
Bits
G
Granularity
23
X
Not Needed
22
AVL
Availability to Software
20
P
Present/Valid Bit
15
DPL
Descriptor Privilege Level
14-13
DT
Descriptor Type
12
Type
See Table 10
11-8
Table 10. System Segment and Gate Types
Type Description
0
Reserved
1
Available 16-bit TSS
2LDT
3Busy 16-bit TSS
4
16-bit Call Gate
5Task Gate
6
16-bit Interrupt Gate
7
16-bit Trap Gate
8
Reserved
9
Available 32-bit TSS
A
Reserved
B
Busy 32-bit TSS
C
32-bit Call Gate
D
Reserved
E
32-bit Interrupt Gate
F
32-bit Trap Gate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com