Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AMD-K6-2E/400AMZ Datasheet(PDF) 81 Page - Advanced Micro Devices

No. de pieza AMD-K6-2E/400AMZ
Descripción Electrónicos  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/400AMZ Datasheet(HTML) 81 Page - Advanced Micro Devices

Back Button AMD-K6-2E/400AMZ Datasheet HTML 77Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 78Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 79Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 80Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 81Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 82Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 83Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 84Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 85Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 332 page
background image
Chapter 3
Software Environment
63
22529B/0—January 2000
AMD-K6™-2E Processor Data Sheet
Preliminary Information
JP/JPE short disp8
7Ah
short
branch
JNP/JPO short disp8
7Bh
short
branch
JL/JNGE short disp8
7Ch
short
branch
JNL/JGE short disp8
7Dh
short
branch
JLE/JNG short disp8
7Eh
short
branch
JNLE/JG short disp8
7Fh
short
branch
JCXZ/JEC short disp8
E3h
vector
JO near disp16/32
0Fh
80h
short
branch
JNO near disp16/32
0Fh
81h
short
branch
JB/JNAE near disp16/32
0Fh
82h
short
branch
JNB/JAE near disp16/32
0Fh
83h
short
branch
JZ/JE near disp16/32
0Fh
84h
short
branch
JNZ/JNE near disp16/32
0Fh
85h
short
branch
JBE/JNA near disp16/32
0Fh
86h
short
branch
JNBE/JA near disp16/32
0Fh
87h
short
branch
JS near disp16/32
0Fh
88h
short
branch
JNS near disp16/32
0Fh
89h
short
branch
JP/JPE near disp16/32
0Fh
8Ah
short
branch
JNP/JPO near disp16/32
0Fh
8Bh
short
branch
JL/JNGE near disp16/32
0Fh
8Ch
short
branch
JNL/JGE near disp16/32
0Fh
8Dh
short
branch
JLE/JNG near disp16/32
0Fh
8Eh
short
branch
JNLE/JG near disp16/32
0Fh
8Fh
short
branch
JMP near disp16/32 (direct)
E9h
short
branch
JMP far disp32/48 (direct)
EAh
vector
JMP disp8 (short)
EBh
short
branch
JMP far mreg32 (indirect)
EFh
11-101-xxx
vector
JMP far mem32 (indirect)
EFh
mm-101-xxx
vector
JMP near mreg16/32 (indirect)
FFh
11-100-xxx
vector
JMP near mem16/32 (indirect)
FFh
mm-100-xxx
vector
LAHF
9Fh
vector
LAR reg16/32, mreg16/32
0Fh
02h
11-xxx-xxx
vector
LAR reg16/32, mem16/32
0Fh
02h
mm-xxx-xxx
vector
LDS reg16/32, mem32/48
C5h
mm-xxx-xxx
vector
LEA reg16/32, mem16/32
8Dh
mm-xxx-xxx
short
load, alu
Table 12. Integer Instructions (continued)
Instruction Mnemonic
First
Byte
Second
Byte
ModR/M
Byte
Decode
Type
RISC86
Operations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com