Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AMD-K6-2E/400AMZ Datasheet(PDF) 63 Page - Advanced Micro Devices

No. de pieza AMD-K6-2E/400AMZ
Descripción Electrónicos  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/400AMZ Datasheet(HTML) 63 Page - Advanced Micro Devices

Back Button AMD-K6-2E/400AMZ Datasheet HTML 59Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 60Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 61Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 62Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 63Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 64Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 65Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 66Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 67Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 332 page
background image
Chapter 3
Software Environment
45
22529B/0—January 2000
AMD-K6™-2E Processor Data Sheet
Preliminary Information
UC/WC Cacheability
Control Register
(UWCCR)
The AMD-K6-2E processor provides two variable-range Memory
Type Range Registers (MTRRs)—MTRR0 and MTRR1—that
each specify a range of memory. Each range can be defined as
uncacheable (UC) or write-combining (WC) memory. Figure 37
shows the format of the UWCCR register. For more detailed
information about the MTRR0, MTRR1, and UWCCR registers,
see “Memory Type Range Registers” on page 207.
.
Figure 37. UC/WC Cacheability Control Register (UWCCR)
Processor State
Observability
Register (PSOR)
The AMD-K6-2E processor provides the processor state
observability register (PSOR) (see Figure 38).
Figure 38. Processor State Observability Register (PSOR)
16
0
63
Physical Address Mask 0
17
31
Physical Base Address 0
1
2
Physical Address Mask 1
Physical Base Address 1
32
33
34
48
49
U
C
0
W
C
0
U
C
1
W
C
1
MTRR1
MTRR0
Symbol
Description
Bits
UC0
Uncacheable Memory Type
0
WC0
Write-Combining Memory Type
1
Symbol
Description
Bits
UC1
Uncacheable Memory Type
32
WC1
Write-Combining Memory Type
33
20
63
BF
Symbol
Description
Bit
NOL2
No L2 Functionality
8
STEP
Processor Stepping
7-4
BF
Bus Frequency Divisor
2-0
3
4
STEP
7
8
9
N
O
L
2
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com