Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AMD-K6-2E/400AMZ Datasheet(PDF) 30 Page - Advanced Micro Devices

No. de pieza AMD-K6-2E/400AMZ
Descripción Electrónicos  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/400AMZ Datasheet(HTML) 30 Page - Advanced Micro Devices

Back Button AMD-K6-2E/400AMZ Datasheet HTML 26Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 27Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 28Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 29Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 30Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 31Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 32Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 33Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 34Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 332 page
background image
12
Internal Architecture
Chapter 2
AMD-K6™-2E Processor Data Sheet
22529B/0—January 2000
Preliminary Information
2.2
Cache, Instruction Prefetch, and Predecode Bits
The writeback level-one cache on the AMD-K6-2E processor is
organized as a separate 32-Kbyte instruction cache and a
32-Kbyte data cache with two-way set associativity. The cache
line size is 32 bytes and lines are prefetched from main memory
using an efficient pipelined burst transaction.
As the instruction cache is filled, each instruction byte is
analyzed for instruction boundaries using predecoding logic.
Predecoding annotates each instruction byte with information
(5 bits per byte) that later enables the decoders to efficiently
decode multiple instructions simultaneously.
Cache
The processor cache design takes advantage of a sectored
organization (see Figure 2). Each sector consists of 64 bytes
configured as two 32-byte cache lines. The two cache lines of a
sector share a common tag but have separate pairs of MESI
(Modified, Exclusive, Shared, Invalid) bits that track the state
of each cache line.
Figure 2. Cache Sector Organization
Two forms of cache misses and associated cache fills can take
place—a tag-miss cache fill and a tag-hit cache fill.
s
Tag-miss cache fill—The miss is due to a tag mismatch, in
which case the required cache line is filled from external
memory, and the cache line within the sector that was not
required is marked as invalid.
s
Tag-hit cache fill—The address matches the tag, but the
requested cache line is marked as invalid. The required
cache line is filled from external memory, and the cache line
within the sector that is not required remains in the same
cache state.
Prefetching
The AMD-K6-2E processor conditionally performs cache
prefetching which results in the filling of the required cache
line first, and a prefetch of the second cache line making up the
other half of the sector. From the perspective of the external
bus, the two cache-line fills typically appear as two 32-byte
Tag Address
Cache Line 0
Byte 31 Predecode Bits
Byte 30 Predecode Bits
........ ........ Byte 0 Predecode Bits
MESI Bits
Cache Line 1
Byte 31 Predecode Bits
Byte 30 Predecode Bits
........ ........ Byte 0 Predecode Bits
MESI Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com