Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AMD-K6-2E/400AMZ Datasheet(PDF) 55 Page - Advanced Micro Devices

No. de pieza AMD-K6-2E/400AMZ
Descripción Electrónicos  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/400AMZ Datasheet(HTML) 55 Page - Advanced Micro Devices

Back Button AMD-K6-2E/400AMZ Datasheet HTML 51Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 52Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 53Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 54Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 55Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 56Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 57Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 58Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 59Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 332 page
background image
Chapter 3
Software Environment
37
22529B/0—January 2000
AMD-K6™-2E Processor Data Sheet
Preliminary Information
Debug Registers
Figures 26 through 29 show the 32-bit debug registers
supported by the processor. These registers are further
described in “Debug” on page 240.
Figure 26. Debug Register DR7
987
654
3210
10
11
12
13
14
15
L
2
L
1
L
3
G
3
G
E
L
E
L
0
G
0
G
1
L
2
G
D
25 24 23 22 21 20 19 18 17 16
26
27
28
29
30
31
R/W
3
LEN
3
R/W
2
LEN
2
R/W
1
LEN
1
R/W
0
LEN
0
Reserved
Symbol
Description
Bit
GD
General Detect Enabled
13
GE
Global Exact Breakpoint Enabled
9
LE
Local Exact Breakpoint Enabled
8
G3
Global Exact Breakpoint # 3 Enabled
7
L3
Local Exact Breakpoint # 3 Enabled
6
G2
Global Exact Breakpoint # 2 Enabled
5
L2
Local Exact Breakpoint # 2 Enabled
4
G1
Global Exact Breakpoint # 1 Enabled
3
L1
Local Exact Breakpoint # 1 Enabled
2
G0
Global Exact Breakpoint # 0 Enabled
1
L0
Local Exact Breakpoint # 0 Enabled
0
Symbol
Description
Bits
LEN 3
Length of Breakpoint #3
31–30
R/W 3
Type of Transaction(s) to Trap
29–28
LEN 2
Length of Breakpoint #2
27–26
R/W 2
Type of Transaction(s) to Trap
25–24
LEN 1
Length of Breakpoint #1
23–22
R/W 1
Type of Transaction(s) to Trap
21–20
LEN 0
Length of Breakpoint #0
19–18
R/W 0
Type of Transaction(s) to Trap
17–16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com