Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AMD-K6-2E/400AMZ Datasheet(PDF) 85 Page - Advanced Micro Devices

No. de pieza AMD-K6-2E/400AMZ
Descripción Electrónicos  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/400AMZ Datasheet(HTML) 85 Page - Advanced Micro Devices

Back Button AMD-K6-2E/400AMZ Datasheet HTML 81Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 82Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 83Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 84Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 85Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 86Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 87Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 88Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 89Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 332 page
background image
Chapter 3
Software Environment
67
22529B/0—January 2000
AMD-K6™-2E Processor Data Sheet
Preliminary Information
POP DS
1Fh
vector
POP FS
0Fh
A1h
vector
POP GS
0Fh
A9h
vector
POP EAX
58h
short
load, alu
POP ECX
59h
short
load, alu
POP EDX
5Ah
short
load, alu
POP EBX
5Bh
short
load, alu
POP ESP
5Ch
short
load, alu
POP EBP
5Dh
short
load, alu
POP ESI
5Eh
short
load, alu
POP EDI
5Fh
short
load, alu
POP mreg 16/32
8Fh
11-000-xxx
short
load, alu
POP mem 16/32
8Fh
mm-000-xxx
long
load, store, alu
POPA/POPAD
61h
vector
POPF/POPFD
9Dh
vector
PUSH ES
06h
long
load, store
PUSH CS
0Eh
vector
PUSH FS
0Fh
A0h
vector
PUSH GS
0Fh
A8h
vector
PUSH SS
16h
vector
PUSH DS
1Eh
long
load, store
PUSH EAX
50h
short
store
PUSH ECX
51h
short
store
PUSH EDX
52h
short
store
PUSH EBX
53h
short
store
PUSH ESP
54h
short
store
PUSH EBP
55h
short
store
PUSH ESI
56h
short
store
PUSH EDI
57h
short
store
PUSH imm8
6Ah
long
store
PUSH imm16/32
68h
long
store
PUSH mreg16/32
FFh
11-110-xxx
vector
PUSH mem16/32
FFh
mm-110-xxx
long
load, store
PUSHA/PUSHAD
60h
vector
PUSHF/PUSHFD
9Ch
vector
Table 12. Integer Instructions (continued)
Instruction Mnemonic
First
Byte
Second
Byte
ModR/M
Byte
Decode
Type
RISC86
Operations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com