Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AMD-K6-2E/400AMZ Datasheet(PDF) 58 Page - Advanced Micro Devices

No. de pieza AMD-K6-2E/400AMZ
Descripción Electrónicos  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/400AMZ Datasheet(HTML) 58 Page - Advanced Micro Devices

Back Button AMD-K6-2E/400AMZ Datasheet HTML 54Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 55Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 56Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 57Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 58Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 59Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 60Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 61Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 62Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 332 page
background image
40
Software Environment
Chapter 3
AMD-K6™-2E Processor Data Sheet
22529B/0—January 2000
Preliminary Information
3.2
Model-Specific Registers (MSR)
The AMD-K6-2E processor is based on and functionally
identical to the AMD-K6-2 processor Model 8/[F:8], which
provides ten model-specific registers (MSRs).
s
The value in the ECX register selects the MSR to be
addressed by the RDMSR and WRMSR instructions.
s
The values in EAX and EDX are used as inputs and outputs
by the RDMSR and WRMSR instructions.
Table 5 lists the MSRs and the corresponding value of the ECX
register. Figures 30 through 39 show the MSR formats.
For more information about the MSRs, see the AMD-K6®
Processor BIOS Design Application Note, order #21329.
Fo r mo re in fo rma tio n ab o ut the RD MSR and WRMSR
instructions, see the AMD K86™ Family BIOS and Software Tools
Development Guide, order #21062.
Table 5. AMD-K6™-2E Processor Model 8/[F:8] Model-Specific Registers
Model-Specific Register
Value of ECX
Machine-Check Address Register (MCAR)
00h
Machine-Check Type Register (MCTR)
01h
Test Register 12 (TR12)
0Eh
Time Stamp Counter (TSC)
10h
Extended Feature Enable Register (EFER)
C000_0080h
SYSCALL/SYSRET Target Address Register (STAR)
C000_0081h
Write Handling Control Register (WHCR)
C000_0082h
UC/WC Cacheability Control Register (UWCCR)
C000_0085h
Processor State Observability Register (PSOR)
C000_0087h
Page Flush/Invalidate Register (PFIR)
C000_0088h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com