Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MP2884A Datasheet(PDF) 16 Page - Monolithic Power Systems

No. de pieza MP2884A
Descripción Electrónicos  Digital, Multi-Phase PWM Controller with PMBus and PWM-VID
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MPS [Monolithic Power Systems]
Página de inicio  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2884A Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP2884A Datasheet HTML 12Page - Monolithic Power Systems MP2884A Datasheet HTML 13Page - Monolithic Power Systems MP2884A Datasheet HTML 14Page - Monolithic Power Systems MP2884A Datasheet HTML 15Page - Monolithic Power Systems MP2884A Datasheet HTML 16Page - Monolithic Power Systems MP2884A Datasheet HTML 17Page - Monolithic Power Systems MP2884A Datasheet HTML 18Page - Monolithic Power Systems MP2884A Datasheet HTML 19Page - Monolithic Power Systems MP2884A Datasheet HTML 20Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 107 page
background image
MP2884A – DIGITAL PWM CONTROLLER WITH PMBUS AND PWM-VID
MP2884A Rev. 1.01
www.MonolithicPower.com
16
12/25/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
Dynamic Voltage Identification (DVID)
The MP2884A supports dynamical output
voltage transition by changing VID via the
PMBus commands or the duty of the PWM-VID
signal.
The DVID process is active after VOUT is settled
and can be either upward or downward.
In PMBus-VID control mode, the DVID linear
slew rate is set with register MFR_DVID_SR
(BAh) and ranges from 0.12 - 125mV/µs, as
shown in Equation (8):

6.25m V
Sle w Ra te
M F R _ D V ID _ S R
0 .0 5 s
(8)
There are two slew rate modes in PWM-VID
control mode: R-C filter mode and linear mode.
The DVID R-C filter slew rate is set with register
MFR_PARM_RC_CONST (B5h) and ranges
from 10.40 - 655.36µs, as shown in Equation
(9):


 11
RC
0.32 s
s2
DV ID _ R C
(9)
Where DVID_RC is the value in register
MFR_PARM_RC_CONST (B5h).
The DVID linear slew rate is set with register
MFR_DVID_SR (BAh) and ranges from 0.12 -
125mV/µs (see Equation (8)).
VID Offset
The MP2884A supports two types of VID offset.
The first type is VID step offset, which ranges
from -0.69375V to 0.7V with 6.25mV of
resolution. When the PMBus writes a new offset
to register VOUT_OFFSET (23h), the VR
ramps with the slew rate shown in Equation (8).
The second type is fine-tune offset for the VID
set point, which ranges from -31.5mV to
31.5mV with 0.5mV of resolution at a unity gain
of the differential voltage sense amplifier and
ranges from -50.4mV to 50.4mV with 0.8mV of
resolution at a half-gain of differential voltage
sense amplifier. Refer to the register map
MFR_RSAMP_OFFSET (2Dh) section on page
44 for details.
Inductor Current Sensing
The MP2884A works with the Intelli-Phase for
inductor current sensing (see Figure 4). The
voltage on CSs is sampled, calculated, and
stored in the registers. The results are used for
multi-phase current balancing and thermal
balancing and can be monitored via the PMBus.
The MP2884A provides cycle-by-cycle per-
phase current limitation.
The resistor (RCS) is connected from CSx to
CSSUM. CSSUM is a 1.23V constant voltage
and can sink or source current to provide
voltage shifts that meet the operating voltage
range of CSs.
Short any unused CSx pin to AGND or CSSUM.
Figure 4: Phase Current Sense
Different types of Intelli-Phase products have
different operating voltage ranges for CS
(VCS_MIN and VCS_MAX). Refer to each Intelli-
Phase’s datasheet to determine the minimum
and
maximum
operating
voltage
ranges.
Calculate a proper RCS value with Equation (10):
C S
M I N
L O A D
C S
C S
C S
M A X
V
I
K
R
1 . 2 3 V
V

(10)
By working with the Intelli-Phase, the MP2884A
does not need temperature compensation and
impendence matching compared with traditional
DCR sensing to achieve an accurate current
sense.
Total Current Sensing
The total current is summed from CSSUM, and
a 1/16 proportional current emerges to IMON.
Connect a resistor from IMON to AGND to
generate a voltage proportional to the output
current. The IMON voltage
is sampled,
calculated, and stored in the registers. This



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com