Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MP2884A Datasheet(PDF) 71 Page - Monolithic Power Systems

No. de pieza MP2884A
Descripción Electrónicos  Digital, Multi-Phase PWM Controller with PMBus and PWM-VID
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MPS [Monolithic Power Systems]
Página de inicio  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2884A Datasheet(HTML) 71 Page - Monolithic Power Systems

Back Button MP2884A Datasheet HTML 67Page - Monolithic Power Systems MP2884A Datasheet HTML 68Page - Monolithic Power Systems MP2884A Datasheet HTML 69Page - Monolithic Power Systems MP2884A Datasheet HTML 70Page - Monolithic Power Systems MP2884A Datasheet HTML 71Page - Monolithic Power Systems MP2884A Datasheet HTML 72Page - Monolithic Power Systems MP2884A Datasheet HTML 73Page - Monolithic Power Systems MP2884A Datasheet HTML 74Page - Monolithic Power Systems MP2884A Datasheet HTML 75Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 107 page
background image
MP2884A – DIGITAL PWM CONTROLLER WITH PMBUS AND PWM-VID
MP2884A Rev. 1.01
www.MonolithicPower.com
71
12/25/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
Bits
Bit Name
Description
15:8
RESERVED
Unused. X indicates that writes are ignored and reads are always 0.
7:0
RESERVED
Unused. X indicates that writes are ignored and reads are always 0.
MFR_APS_FS_LIMIT4 (A6h)
This register sets the interval time threshold between the consecutive phases' PWM rising edges to
detect a fast load increase. When APS is enabled and the system sheds phases, once the interval time
is lower than this threshold, the system exits phase shedding and runs with a full-phase for a
configurable amount of time.
Command
MFR_APS_FS_LIMIT4
Format
Unsigned binary
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Access
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
Function
x
x
Bits
Bit Name
Description
15:8
RESERVED
Unused. X indicates that writes are ignored and reads are always 0.
7:0
RESERVED
Unused. X indicates that writes are ignored and reads are always 0.
MFR_APS_FS_CTRL1 (A7h)
This register sets the interval time threshold for phase 1's PWM to detect a fast load increase. When
APS is enabled and the system sheds phases, once the controller detects that the PWM interval is
lower than this threshold, the system exits phase shedding and runs with a full-phase for a configurable
amount of time. This register also sets the enable bit for the exit-phase-shedding strategy via PWM
frequency detection.
Command
MFR_APS_FS_CTRL1
Format
Unsigned binary
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Access
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
Function
x
x
x
Bits
Bit Name
Description
15:13
RESERVED
Unused. X indicates that writes are ignored and reads are always 0.
12
FS_EXIT_APS_EN1
Enable bit of exit-phase-shedding according to phase 1’s PWM interval time.
0: disable
1: enable
The controller detects phase 1’s PWM interval time from the end of
MIN_OFF_TIME.
11
FS_EXIT_APS_EN2
Enable bit of exit-phase-shedding according to the PWM interval time between
consecutive phases.
0: disable
1: enable
The controller detects the consecutive phases' PWM interval time from the end of
PHASE_BLANK_TIME.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com