Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MP2884A Datasheet(PDF) 67 Page - Monolithic Power Systems

No. de pieza MP2884A
Descripción Electrónicos  Digital, Multi-Phase PWM Controller with PMBus and PWM-VID
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MPS [Monolithic Power Systems]
Página de inicio  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2884A Datasheet(HTML) 67 Page - Monolithic Power Systems

Back Button MP2884A Datasheet HTML 63Page - Monolithic Power Systems MP2884A Datasheet HTML 64Page - Monolithic Power Systems MP2884A Datasheet HTML 65Page - Monolithic Power Systems MP2884A Datasheet HTML 66Page - Monolithic Power Systems MP2884A Datasheet HTML 67Page - Monolithic Power Systems MP2884A Datasheet HTML 68Page - Monolithic Power Systems MP2884A Datasheet HTML 69Page - Monolithic Power Systems MP2884A Datasheet HTML 70Page - Monolithic Power Systems MP2884A Datasheet HTML 71Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 107 page
background image
MP2884A – DIGITAL PWM CONTROLLER WITH PMBUS AND PWM-VID
MP2884A Rev. 1.01
www.MonolithicPower.com
67
12/25/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
STATUS_CML (7Eh)
This register records the fault status of PMBus communication and EEPROM operation.
Command
STATUS_CML
Format
Unsigned binary
Bit
7
6
5
4
3
2
1
0
Access
r
r
r
r
r
r
r
r
Function
Bits
Bit Name
Description
7
INVALID_CMD
This bit is set when it receives an unsupported command code. This bit is in latch
mode. The CLEAR_FAULTS command can reset this bit.
6
INVALID_DATA
This bit is set when it receives invalid or unsupported data (host sends too many
bytes). This bit is in latch mode. The CLEAR_FAULTS command can reset this
bit.
5
PEC_FAULT
The PMBus interface supports the use of a packet error checking (PEC) byte that
is defined in the SMBus standard. The PEC byte is transmitted by the MP2884A
during a read transaction or sent by the bus host to the MP2884A during a write
transaction. If the PEC byte sent during a write transaction is incorrect, the
command is not executed, and this bit is set. This bit is in latch mode. The
CLEAR_FAULTS command can reset this bit.
4
CRC_FAULT
During the process of storing memory data to the EEPROM, the MP2884A
calculates the CRC for each bit and saves the final CRC code to the EEPROM.
During the process of restoring the EEPROM data to the memory, the MP2884A
calculates the CRC code with each bit. The MP2884A checks the CRC results
when the restore process is done. If the CRC result is incorrect, the VR does not
start up, and this bit is set. This bit is in latch mode. The CLEAR_FAULTS
command can reset this bit
3
MEMORY_PWD_
MATCH
There is write protection for the PMBus registers. If enabled, the PMBus registers
can be read only and are not writeable. The register MFR_USER_PWD (04h)
stores the password. Once the key is matched with MFR_USER_PWD, this bit is
set. Otherwise, this bit is reset. This bit is in live mode.
2
FAULT_STORE_FLAG
This device automatically records fault statuses to the EEPROM. Once the
power shuts down for any protection, the fault status record process is triggered,
and this bit is set. This bit is in latch mode. The CLEAR_FAULTS command can
reset this bit.
1
CML_OTHER_FAULTS
If any of the below faults occur during PMBus communication, this bit is set.
1)
Sending too few bits
2) Reading too few bits
3)
Host sends or reads too few bytes
4)
Reading too many bytes
This bit is in latch mode. The CLEAR_FAULTS command can reset this bit.
0
EEPROM_FAULTS
When restoring data from the EEPROM to the memory, this bit first checks the
signature register in address 00h of the EEPROM. If the signature is not
matched, this process is ceased immediately, and this bit is set. This bit is in
latch mode. The CLEAR_FAULTS command can reset this bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com