Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MP2884A Datasheet(PDF) 24 Page - Monolithic Power Systems

No. de pieza MP2884A
Descripción Electrónicos  Digital, Multi-Phase PWM Controller with PMBus and PWM-VID
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MPS [Monolithic Power Systems]
Página de inicio  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2884A Datasheet(HTML) 24 Page - Monolithic Power Systems

Back Button MP2884A Datasheet HTML 20Page - Monolithic Power Systems MP2884A Datasheet HTML 21Page - Monolithic Power Systems MP2884A Datasheet HTML 22Page - Monolithic Power Systems MP2884A Datasheet HTML 23Page - Monolithic Power Systems MP2884A Datasheet HTML 24Page - Monolithic Power Systems MP2884A Datasheet HTML 25Page - Monolithic Power Systems MP2884A Datasheet HTML 26Page - Monolithic Power Systems MP2884A Datasheet HTML 27Page - Monolithic Power Systems MP2884A Datasheet HTML 28Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 107 page
background image
MP2884A – DIGITAL PWM CONTROLLER WITH PMBUS AND PWM-VID
MP2884A Rev. 1.01
www.MonolithicPower.com
24
12/25/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
threshold for a period of time referred to as the
OCP blanking time. OCP_Total can be
programmed to no action, hiccup, retry six
times, and latch-off mode via the PMBus.
The controller does not take action in no action
mode and keeps the PWMs switching. The fault
indication bit in register STATUS_IOUT (7Bh)
and STATUS_WORD (79h) is not set in no
action mode.
In hiccup mode, the controller forces the PWM
signals into tri-state to disable the output. The
controller attempts to restart after 12.5ms of
protection delay time.
In retry six times mode, the VR hiccups six
times at most. If the fault is removed within the
six restarts, the VR resumes normal operation.
If the fault remains after the six restarts, the VR
shuts down until a new power cycle, an EN
toggle, or a PMBus COMMAND ON occurs.
In latch mode, the VR shuts down until a new
power cycle, an EN toggle, or a PMBus
COMMAND on occurs.
These four protection types are also available
for VOUT UVP and VOUT OVP2.
The second OCP type, OCP_Phase, is a
current-based
limitation
threshold.
The
MP2884A monitors the phase current cycle-by-
cycle. When the phase current exceeds the
OCP_Phase threshold at the PWM off time, the
PWM remains low to discharge the inductor
current. If the load current continues rising, the
output voltage drops because the inductor
current is limited. OCP_Phase is implemented
with VOUT UVP, generally. The OCP_Phase
threshold is PMBus-programmable with register
MFR_OCP_PHASE (EDh).
Under-Voltage Protection (UVP)
The MP2884A monitors the VDIFF voltage to
provide UVP and uses a dual UVP approach.
The first UVP type, UVP1, is a digital UVP.
UVP1 is triggered when the internal ADC
senses that the VDIFF voltage is lower than the
threshold for a pre-set blanking time. The UVP1
threshold can be set from 0 - 480mV with 32mV
of
resolution.
Refer
to
the
register
MFR_SYS_CONFIG (44h) section on page 54.
The second UVP type, UVP2, is triggered when
the VDIFF voltage is lower than the threshold
for a pre-set blanking time. The register
OVUV_LEVEL (2Ch) can program the UVP2
threshold to VREF - 430mV, VREF - 310mV or
VREF - 190mV. Refer to the MFR_OVUV_SEL
(2Ch) section on page 44. When programming
the gain of the differential voltage sense
amplifier as half, the UVP2 threshold is doubled.
For example, set the register to a -430mV level
to achieve the VREF - 860mV threshold.
The UVP scheme is the same as the
OCP_Total protection scheme. When the
VDIFF voltage is lower than the UVP threshold
for a given amount of time (UVP blanking time),
the controller forces the PWM signals into tri-
state to disable the output. The register
MFR_OVP_UVP_SET (EEh) sets the UVP
mode and blanking time. Like the OCP_Total
protection scheme, the UVP scheme also
provides no action, hiccup, retry six times, and
latch-off options.
Over-Voltage Protection (OVP)
The MP2884A monitors the VDIFF voltage to
provide OVP and uses a dual OVP approach
(described below). When OVP is triggered, the
MP2884A pulls all activated PWMs low to turn
on the low-side MOSFET to discharge the
output capacitors until VOUT reaches +300mV.
Then all PWMs are set to Hi-Z.
The first OVP type, OVP1, is triggered when the
VDIFF voltage is higher than the OVP1
threshold without any delay time. The OVP1
fault is in latch-off mode.
The OVP1 threshold is VOUT_MAX (24h)
+400mV, regardless of the gain of the
differential voltage sense amplifier.
The second OVP type, OVP2, is triggered when
the VDIFF voltage above the OVP2 threshold
for a pre-set blanking time. Just like in UVP, the
MP2884A provides no action, hiccup, retry six
times, and latch-off modes for the OVP2 fault.
The register MFR_OVUV_LEVEL (2Ch) can
program the OVP2 level to VREF + 430mV, VREF
+ 310mV, and VREF + 190mV. Refer to the
MFR_OVUV_SEL (2Ch) section on page 44.
When programming the gain of the differential
voltage sense amplifier as half, the OVP2
threshold is doubled. For example, set the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com