Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MP2884A Datasheet(PDF) 92 Page - Monolithic Power Systems

No. de pieza MP2884A
Descripción Electrónicos  Digital, Multi-Phase PWM Controller with PMBus and PWM-VID
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MPS [Monolithic Power Systems]
Página de inicio  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2884A Datasheet(HTML) 92 Page - Monolithic Power Systems

Back Button MP2884A Datasheet HTML 88Page - Monolithic Power Systems MP2884A Datasheet HTML 89Page - Monolithic Power Systems MP2884A Datasheet HTML 90Page - Monolithic Power Systems MP2884A Datasheet HTML 91Page - Monolithic Power Systems MP2884A Datasheet HTML 92Page - Monolithic Power Systems MP2884A Datasheet HTML 93Page - Monolithic Power Systems MP2884A Datasheet HTML 94Page - Monolithic Power Systems MP2884A Datasheet HTML 95Page - Monolithic Power Systems MP2884A Datasheet HTML 96Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 107 page
background image
MP2884A – DIGITAL PWM CONTROLLER WITH PMBUS AND PWM-VID
MP2884A Rev. 1.01
www.MonolithicPower.com
92
12/25/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
Calculate the slope compensation slew rate with Equation (31):

SW
SLOPE@3P
BLANK
T
0.25(μA) CURRENT_SOURCE
V(
T
)
( 16 - CAP ) 1.85(pF)
3
(31)
Where VSLOPE@3P is the desired slope compensation voltage for 3-phase status, TSW is the PWM period
determined by register MFR_FS (BDh), and TBLANK is SLOPE_BLANK_TIME set in register
MFR_BLANK_TIME (C5h).
If setting VDIFF_GAIN_SEL (2Ah) = 1 to get a half gain for the remote sense amplifier, VSLOPE should
be doubled.
MFR_SLOPE_CNT_3P (D7h)
This register sets the maximum slope compensation ramping time for 3-phase status. Once the timer is
over, the current source turns off, and the slope compensation voltage is held.
Command
MFR_SLOPE_CNT_3P
Format
Unsigned binary
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Access
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
Function
x
x
x
x
x
x
SLOPE_CNT
Bits
Bit Name
Description
15:8
RESERVED
Unused. X indicates that writes are ignored and reads are always 0.
7:0
SLOPE_CNT
Maximum ramping time of slope compensation for 3-phase status. 5ns/LSB.

SW
BLANK
T
1.3 (
T
)(ns)
3
SLOPE _ CNT
5(ns)
Where TSW is the PWM period determined by register MFR_FS (BDh), and
TBLANK is SLOPE_BLANK_TIME set in register MFR_BLANK_TIME (C5h).
MFR_SLOPE_SR_2P (D8h)
This register sets the slope compensation slew rate for 2-phase status.
Command
MFR_SLOPE_SR_2P
Format
Unsigned binary
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Access
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
Function
x
x
x
x
x
x
CAP
CURRENT_SOURCE
Bits
Bit Name
Description
15:10
RESERVED
Unused. X indicates that writes are ignored and reads are always 0.
9:6
CAP
Capacitor value for slope compensation. 1.85pF/LSB.
5:0
CURRENT_SOURCE
Current source value for slope compensation. 0.25µA/LSB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com