Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MP2884A Datasheet(PDF) 53 Page - Monolithic Power Systems

No. de pieza MP2884A
Descripción Electrónicos  Digital, Multi-Phase PWM Controller with PMBus and PWM-VID
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MPS [Monolithic Power Systems]
Página de inicio  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2884A Datasheet(HTML) 53 Page - Monolithic Power Systems

Back Button MP2884A Datasheet HTML 49Page - Monolithic Power Systems MP2884A Datasheet HTML 50Page - Monolithic Power Systems MP2884A Datasheet HTML 51Page - Monolithic Power Systems MP2884A Datasheet HTML 52Page - Monolithic Power Systems MP2884A Datasheet HTML 53Page - Monolithic Power Systems MP2884A Datasheet HTML 54Page - Monolithic Power Systems MP2884A Datasheet HTML 55Page - Monolithic Power Systems MP2884A Datasheet HTML 56Page - Monolithic Power Systems MP2884A Datasheet HTML 57Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 107 page
background image
MP2884A – DIGITAL PWM CONTROLLER WITH PMBUS AND PWM-VID
MP2884A Rev. 1.01
www.MonolithicPower.com
53
12/25/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
7:4
TSNS_T_ALT_DST_
THRE
Digital threshold of the over-temperature warning de-assertion from TSNS.
TSNS_T_ALT_DST_THRE = Rt_dst x 10µA x 16 /1.6V
3:0
OT_WARN_DST_THRE
Digital threshold of the over-temperature warning deassertion from VTEMP.
16°C/LSB.
MFR_SYS_CONFIG (44h)
This register sets the system configuration.
Command
MFR_SYS_CONFIG
Format
Unsigned binary
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Access
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
Function
x
Bits
Bit Name
Description
15:12
DGTL_UVP_LEVEL
Threshold of digital Vo_UVP. 32mV/LSB
11
DGTL_UVP_EN
Enable bit of digital Vo_UVP.
0: disable
1: enable
10
OC_BLK_UVP_EN
Enable bit for blocking analog Vo_UVP when any phase's current reaches the
per-phase-valley-current limit (the internal OC signal rises high).
1: block
0: do not block
9
ANA_UVP_DIS
Enable bit of analog Vo_UVP.
1: disable
0: enable
8:7
OC_DGLTCH_FOR_
DGTL_UVP
Deglitch time of the internal OC signal which is boolean and with a digital UV
signal to trigger digital Vo_UVP.
00: 800ns
01: 1000ns
10: 1200ns
11: force the internal OC signal high
6
AC_LL_ACTIVATE_
MODE
AC droop loop activation mode.
1: activate AC Droop loop when soft-start begins.
0: activate AC Droop loop once the controller finishes POR.
5
RESERVED
Unused. X indicates that writes are ignored and reads are always 0.
4
PHASE_CURRENT_
RESOLUTION
Resolution selector for per-phase current report and protection.
0: original resolution
1: half resolution (double range)
3
TOTAL_CURRENT_
RESOLUTION
Resolution selector for total current report, protection, warning, and auto-phase
shedding (APS) levels.
0: original resolution
1: half resolution (double range)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com